Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL04 Datasheet (PDF) - List of Unclassifed Manufacturers

FM24CL04 Datasheet PDF - List of Unclassifed Manufacturers
Part # FM24CL04
Download  FM24CL04 Download
File Size   119.3 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4Kb FRAM Serial Memory

FM24CL04 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24CL04 Datasheet PDF - List of Unclassifed Manufacturers

Part # FM24CL04
Download  FM24CL04 Click to download

File Size   119.3 Kbytes
Page   12 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 4Kb FRAM Serial Memory

FM24CL04 Datasheet (HTML) - List of Unclassifed Manufacturers


FM24CL04 Product details

[RAMTRON]

Description
The FM24CL04 is a 4-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for 10 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.
Unlike serial EEPROMs, the FM24CL04 performs write operations at bus speed. No write delays are incurred. Data is written to the memory array in the cycle after it has been successfully transferred to the device. The next bus cycle may commence immediately.
These capabilities make the FM24CL04 ideal for nonvolatile memory applications requiring frequent or rapid writes. Examples range from data collection where the number of write cycles may be critical, to demanding industrial controls where the long write time of EEPROM can cause data loss. The combination of features allows more frequent data writing with less overhead for the system.
The FM24CL04 provides substantial benefits to users of serial EEPROM, yet these benefits are available in a hardware drop-in replacement. The FM24CL04 is available in an industry standard 8-pin package using a two-wire protocol. The specifications are guaranteed over an industrial temperature range of -40°C to +85°C.

Features
4K bit Ferroelectric Nonvolatile RAM
• Organized as 512 x 8 bits
• Unlimited Read/Writes
• 10 Year Data Retention
• NoDelay™ Writes
• Advanced High-Reliability Ferroelectric Process

Fast Two-wire Serial Interface
• Up to 1 MHz maximum bus frequency
• Direct hardware replacement for EEPROM

Low Power Operation
• 2.7V to 3.65V operation
• 75 µA Active Current (100 kHz) @ 3V
• 1 µA Standby Current

Industry Standard Configuration
• Industrial Temperature -40° C to +85° C
• 8-pin SOIC




Similar Part No. - FM24CL04

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM24CL04-G RAMTRON-FM24CL04-G Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM24CL04-S RAMTRON-FM24CL04-S Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM24CL04B RAMTRON-FM24CL04B Datasheet
287Kb / 12P
4Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL04B CYPRESS-FM24CL04B Datasheet
334Kb / 12P
4Kb Serial 3V F-RAM Memory
More results


Similar Description - FM24CL04

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25640 RAMTRON-FM25640 Datasheet
131Kb / 14P
64Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM25CL04 ETC-FM25CL04 Datasheet
98Kb / 11P
4Kb FRAM Serial 3V Memory
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
4Kb FRAM Serial Memory
FM25L04 ETC-FM25L04 Datasheet
187Kb / 12P
4Kb FRAM Serial 3V Memory
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
4Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
4Kb FRAM Serial Memory
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
4Kb FRAM Serial Memory
FM25CL04 RAMTRON-FM25CL04_05 Datasheet
139Kb / 12P
4Kb FRAM Serial 3V Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
4Kb FRAM Serial Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com