Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A92 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

A92 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # A92
Download  A92 Download
File Size   242.19 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

A92 Datasheet (PDF)

Go To PDF Page Download Datasheet
A92 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # A92
Download  A92 Click to download

File Size   242.19 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

A92 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


A92 Product details

FEATURES
• Collector-Emitter voltage:VCEO=300V
• Collector current up to 500mA.
• Complement to A42
• Small flat package.
• Power dissipation:Pd(max)=500mW.




Similar Part No. - A92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
A92 JIANGSU-A92 Datasheet
276Kb / 3P
TRANSISTOR竊?PNP 竊
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
513Kb / 3P
PNP Silicon Plastic-Encapsulate Transistor
logo
Daya Electric Group Co....
A92 DAYA-A92 Datasheet
211Kb / 2P
TO-92 Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
A92 SECOS-A92 Datasheet
274Kb / 2P
PNP Plastic-Encapsulated Transistor
logo
Shenzhen Jin Yu Semicon...
A92 HTSEMI-A92 Datasheet
172Kb / 1P
TRANSISTOR (PNP)
More results


Similar Description - A92

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com