Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCX53-10 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

BCX53-10 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # BCX53-10
Download  BCX53-10 Download
File Size   189.59 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

BCX53-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCX53-10 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # BCX53-10
Download  BCX53-10 Click to download

File Size   189.59 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

BCX53-10 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


BCX53-10 Product details

FEATURES
• IC = -1A Continuous Collector Current
• Low Saturation Voltage VCE(sat) < -500mV @ -0.5A
• Epitaxial Planar Die Construction
• Complementary NPN types: BCX54, 55, and 56




Similar Part No. - BCX53-10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCX53-10 PHILIPS-BCX53-10 Datasheet
42Kb / 8P
PNP medium power transistors
1999 Apr 19
logo
Siemens Semiconductor G...
BCX53-10 SIEMENS-BCX53-10 Datasheet
146Kb / 5P
PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-10 INFINEON-BCX53-10 Datasheet
141Kb / 5P
PNP Silicon AF Transistors
Feb-10-2004
logo
Guangdong Kexin Industr...
BCX53-10 KEXIN-BCX53-10 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
Weitron Technology
BCX53-10 WEITRON-BCX53-10 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
More results


Similar Description - BCX53-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com