Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VRE120M Datasheet (PDF) - RHOPOINT COMPONENTS

VRE120M Datasheet PDF - RHOPOINT COMPONENTS
Part # VRE120M
Download  VRE120M Download
File Size   337.04 Kbytes
Page   5 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Precision High Temperature Reference Supplies

VRE120M Datasheet (PDF)

Go To PDF Page Download Datasheet
VRE120M Datasheet PDF - RHOPOINT COMPONENTS

Part # VRE120M
Download  VRE120M Click to download

File Size   337.04 Kbytes
Page   5 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Precision High Temperature Reference Supplies

VRE120M Datasheet (HTML) - RHOPOINT COMPONENTS


VRE120M Product details

DESCRIPTION
VRE120 series references are designed to operate over an extremely wide temperature range (-55°C to +180°C) and still provide excellent accuracy. The VRE120 provides a +10V output, the VRE121 provides a -10V and the VRE122 provides a ±10V output. All types are available in commercial (C suffix) and military (M suffix) models. The "M" models are screened for high reliability and quality. Two accuracy grades (standard and "A") are available for all models.

FEATURES
● WIDE OPERATING RANGE: -55°C TO +180°C
● EXTREMELY LOW DRIFT: 1 ppm /°C -55°C to +150°C
● LOW WARM-UP DRIFT: 1 ppm Typ.
● EXCELLENT STABILITY: 6 ppm / 1000 Hrs. Typ.
● EXCELLENT LINE REGULATION: 3 ppm / V Typ.
● HERMETIC 14-PIN CERAMIC DIP
● PIN & FUNCTION COMPATIBLE WITH AD2700, AD2710, MAX 670/671 REFERENCES

APPLICATIONS
● PRECISION A/D and D/A CONVERTERS
● TRANSDUCER EXCITATION
● ACCURATE COMPARATOR THRESHOLD REFERENCE
● HIGH RESOLUTION SERVO SYSTEMS
● DIGITAL VOLTMETERS
● HIGH PRECISION TEST and MEASUREMENT INSTRUMENTS
● GEOLOGICAL EQUIPMENT




Similar Part No. - VRE120M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE125C ETC2-VRE125C Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE125CA ETC2-VRE125CA Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE125M ETC2-VRE125M Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE125MA ETC2-VRE125MA Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
More results


Similar Description - VRE120M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE100 ETC-VRE100 Datasheet
341Kb / 5P
Precision Reference Supplies
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
Precision Surface Mount Reference Supplies
VRE114 ETC-VRE114 Datasheet
307Kb / 5P
Precision Reference Supplies
VRE105 ETC1-VRE105 Datasheet
224Kb / 5P
Precision Reference Supplies
logo
Maxim Integrated Produc...
MAX6143 MAXIM-MAX6143 Datasheet
953Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
logo
List of Unclassifed Man...
VRE125 ETC2-VRE125 Datasheet
330Kb / 5P
Precision High Temperature Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
Precision Surface Mount Reference Supplies
VRE110 ETC2-VRE110 Datasheet
432Kb / 5P
Precision Reference Supplies
VRE117 ETC2-VRE117 Datasheet
425Kb / 5P
Precision Reference Supplies
logo
Maxim Integrated Produc...
MAX6143AASA25 MAXIM-MAX6143AASA25 Datasheet
962Kb / 16P
High-Precision Voltage Reference with Temperature Sensor
Rev 1; 4/04
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com