Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IDTQS3383SO Datasheet (PDF) - Integrated Device Technology

IDTQS3383SO Datasheet PDF - Integrated Device Technology
Part # IDTQS3383SO
Download  IDTQS3383SO Download
File Size   43.72 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH

IDTQS3383SO Datasheet (PDF)

Go To PDF Page Download Datasheet
IDTQS3383SO Datasheet PDF - Integrated Device Technology

Part # IDTQS3383SO
Download  IDTQS3383SO Click to download

File Size   43.72 Kbytes
Page   5 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH

IDTQS3383SO Datasheet (HTML) - Integrated Device Technology


IDTQS3383SO Product details

DESCRIPTION:
The QS3383 provides ten high-speed CMOS TTL-compatible bus switches. The low ON resistance of the QS3383 allows inputs to be connected to outputs without adding propagation delay and without generating additional ground bounce noise. The Bus Enable (BE) signal turns the switches on. The Bus Exchange (BX) signal provides nibble swap of the AB and CD pairs of signals. This exchange configuration allows byte swapping of buses in systems. It can also be used as a 5-wide 2-to-1 multiplexer and to create low delay barrel shifters, etc.
The QS3383 is characterized for operation at -40°C to +85°C.

FEATURES:
• Enhanced N channel FET with no inherent diode to Vcc
• 5Ω bidirectional switches connect inputs to outputs
• Zero propagation delay, zero added ground bounce
• Undershoot clamp diodes on all switch and control inputs
• Bus exchange allows nibble swap
• Available in QSOP and SOIC packages

APPLICATIONS:
• Hot-swapping, hot-docking
• Voltage translation (5V to 3.3V)
• Resource sharing
• Crossbar switching




Similar Part No. - IDTQS3383SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
logo
Integrated Device Techn...
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
More results


Similar Description - IDTQS3383SO

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3384 IDT-IDTQS3384 Datasheet
47Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
IDTQS32384 IDT-IDTQS32384 Datasheet
41Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
QS3L384Q IDT-QS3L384Q Datasheet
50Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS316212 IDT-IDTQS316212 Datasheet
40Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 24-BIT BUS-EXCHANGE SWITCH
IDTQS3L384 IDT-IDTQS3L384 Datasheet
63Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
IDTQS3383 IDT-IDTQS3383_11 Datasheet
217Kb / 5P
QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
IDTQS3L384 RENESAS-IDTQS3L384 Datasheet
378Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED LOW POWER CMOS 10-BIT BUS EXCHANGE SWITCH
JANUARY 2013
IDTQS3383 RENESAS-IDTQS3383 Datasheet
386Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS EXCHANGE SWITCH
OCTOBER 2011
IDTQS3384 RENESAS-IDTQS3384 Datasheet
374Kb / 6P
QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS 10-BIT BUS SWITCH
OCTOBER 2011
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com