Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RR1632 Datasheet (PDF) - RHOPOINT COMPONENTS

RR1632 Datasheet PDF - RHOPOINT COMPONENTS
Part # RR1632
Download  RR1632 Download
File Size   69.57 Kbytes
Page   1 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Precision Thin Film Chip

RR1632 Datasheet (PDF)

Go To PDF Page Download Datasheet
RR1632 Datasheet PDF - RHOPOINT COMPONENTS

Part # RR1632
Download  RR1632 Click to download

File Size   69.57 Kbytes
Page   1 Pages
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS
Description Precision Thin Film Chip

RR1632 Datasheet (HTML) - RHOPOINT COMPONENTS


RR1632 Product details

RR Precision surface mount chip resistors provide excellent temperature stability combined with low noise and good high frequency response. The resistive element is a Ni-Cr film and the wrap around terminations are solder plated with a leach resistant Nickel barrier. They are suitable for all soldering methods including vapour phase,
reflow and wave soldering.

• 25ppm/°C
• 0.1%




Similar Part No. - RR1632

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RR1632 ETC2-RR1632 Datasheet
112Kb / 4P
Precision 0.1% and 0.5%, tolerance Thin Film Chip Resistor
RR1632 ETC-RR1632 Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
RR1632P-102-D ETC-RR1632P-102-D Datasheet
54Kb / 1P
high-precision metal film chip resistors
RR1632P-102-F ETC-RR1632P-102-F Datasheet
54Kb / 1P
high-precision metal film chip resistors
RR1632P-120-D ETC-RR1632P-120-D Datasheet
54Kb / 1P
high-precision metal film chip resistors
More results


Similar Description - RR1632

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
STF2020A-1000-BQ25W RCD-STF2020A-1000-BQ25W Datasheet
34Kb / 1P
PRECISION THIN FILM CHIP ARRAYS
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
Precision Thin Film Chip Resistors
16-Jan-13
logo
List of Unclassifed Man...
PFC-W1206LF-03-1001-B ETC-PFC-W1206LF-03-1001-B Datasheet
420Kb / 4P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
Thin Film Precision Chip Resistors
logo
List of Unclassifed Man...
T1206 ETC-T1206 Datasheet
843Kb / 2P
PRECISION THIN FILM CHIP RESISTROS
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
Precision Thin Film Chip Resistors
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
Thin Film Precision Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
Precision Thin Film Chip Resistors
05-Oct-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com