Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U6264ASA07 Datasheet (PDF) - Zentrum Mikroelektronik Dresden AG

U6264ASA07 Datasheet PDF - Zentrum Mikroelektronik Dresden AG
Part # U6264ASA07
Download  U6264ASA07 Download
File Size   167.9 Kbytes
Page   8 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Automotive 8K x 8 SRAM

U6264ASA07 Datasheet (PDF)

Go To PDF Page Download Datasheet
U6264ASA07 Datasheet PDF - Zentrum Mikroelektronik Dresden AG

Part # U6264ASA07
Download  U6264ASA07 Click to download

File Size   167.9 Kbytes
Page   8 Pages
Manufacturer  ZMD [Zentrum Mikroelektronik Dresden AG]
Direct Link  http://www.zmdi.com
Logo ZMD - Zentrum Mikroelektronik Dresden AG
Description Automotive 8K x 8 SRAM

U6264ASA07 Datasheet (HTML) - Zentrum Mikroelektronik Dresden AG


U6264ASA07 Product details

Description
The U6264A is a static RAM manufactured using a CMOS process technology with the following operating modes:
    - Read - Standby
    - Write - Data Retention
The memory array is based on a 6-transistor cell.
   
Features
❐ 8192 x 8 bit static CMOS RAM
❐ 70 and 100 ns Access Times
❐ Common data inputs and
    outputs
❐ Three-state outputs
❐ Typ. operating supply current
    70 ns: 45 mA
    100 ns: 37 mA
❐ Data retention current
    at 3 V: < 10 µA (standard)
❐ Standby current standard < 30 µA
❐ Standby current low power
    (L) < 10 µA
❐ Standby current very low power
    (LL) < 1 µA
❐ Standby current for LL-version
    at 25 °C and 5 V: typ. 50 nA
❐ TTL/CMOS-compatible
❐ Automatic reduction of power
    dissipation in long Read or Write
    cycles
❐ Power supply voltage 5 V
❐ Operating temperature ranges:
    0 to 70 °C
    -25 to 85 °C
    -40 to 85 °C
❐ Quality assessment according to
    CECC 90000, CECC 90100 and
    CECC 90111
   




Similar Part No. - U6264ASA07

ManufacturerPart #DatasheetDescription
logo
Zentrum Mikroelektronik...
U6264B ZMD-U6264B Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
U6264BDA07 ZMD-U6264BDA07 Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
U6264BDA07G1 ZMD-U6264BDA07G1 Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
U6264BDA07LL ZMD-U6264BDA07LL Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
U6264BDA07LLG1 ZMD-U6264BDA07LLG1 Datasheet
162Kb / 9P
STANDARD 5K X 8 SRAM
More results


Similar Description - U6264ASA07

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
Austin Semiconductor
MT5C6408 AUSTIN-MT5C6408 Datasheet
100Kb / 12P
8K x 8 SRAM
logo
Alliance Semiconductor ...
AS7C164-12 ALSC-AS7C164-12 Datasheet
224Kb / 8P
5V 8K X 8 CMOS SRAM
logo
Zentrum Mikroelektronik...
U62H64 ZMD-U62H64 Datasheet
163Kb / 9P
AUTOMOTIVE FAST 8K X 8 SRAM
logo
UMC Corporation
UM6264 UMC-UM6264 Datasheet
410Kb / 8P
8K x 8 CMOS SRAM
logo
STMicroelectronics
MK48Z08 STMICROELECTRONICS-MK48Z08 Datasheet
622Kb / 12P
CMOS 8K x 8 ZEROPOWER SRAM
Feb-1991
M48T08 STMICROELECTRONICS-M48T08 Datasheet
471Kb / 27P
CMOS 8K x 8 TIMEKEEPER SRAM
Rev 7.0
logo
Rohm
BR6265 ROHM-BR6265 Datasheet
424Kb / 8P
8K X 8 CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Rohm
BR6265BF-N10SL ROHM-BR6265BF-N10SL Datasheet
204Kb / 12P
8K X 8 bit SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com