Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7818 Datasheet (PDF) - List of Unclassifed Manufacturers

LM7818 Datasheet PDF - List of Unclassifed Manufacturers
Part # LM7818
Download  LM7818 Download
File Size   175.27 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5A Positive Voltage Regulator

LM7818 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM7818 Datasheet PDF - List of Unclassifed Manufacturers

Part # LM7818
Download  LM7818 Click to download

File Size   175.27 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 1.5A Positive Voltage Regulator

LM7818 Datasheet (HTML) - List of Unclassifed Manufacturers


LM7818 Product details

[CONTEK]

DESCRIPTION
The Contek 78XX family is monolithic fixed voltage regulator integrated circuit. They are suitable for applications that required supply current up to 1 A.

FEATURES
* Output current up to 1.5 A
* Fixed output voltage of 5V, 6V, 8V, 9V, 10V, 12V, 15V ,18V and 24V available
* Thermal overload shutdown protection
* Short circuit current limiting
* Output transistor SOA protection




Similar Part No. - LM7818

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM7818 FAIRCHILD-LM7818 Datasheet
516Kb / 28P
3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS
LM7818 FAIRCHILD-LM7818 Datasheet
335Kb / 23P
3-Terminal 1A Positive Voltage Regulator
logo
First Components Intern...
LM7818 FCI-LM7818 Datasheet
621Kb / 8P
LM7800 Series 3-Terminal fixed Voltage Regulators
logo
Tiger Electronic Co.,Lt...
LM7818 TGS-LM7818 Datasheet
73Kb / 1P
3-Terminal 1A Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Similar Description - LM7818

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
1.5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
1.5A Low Dropout Positive Voltage Regulator
logo
GTM CORPORATION
G5J2188 GTM-G5J2188 Datasheet
543Kb / 7P
1.5A CMOS Positive Voltage Regulator
logo
Torex Semiconductor
XB1086 TOREX-XB1086 Datasheet
133Kb / 11P
1.5A Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM7800 GAMMA-GM7800_09 Datasheet
176Kb / 11P
1.5A POSITIVE VOLTAGE REGULATOR
logo
Unisonic Technologies
78D05AA UTC-78D05AA Datasheet
352Kb / 8P
3-TERMINALS 1.5A POSITIVE VOLTAGE REGULATOR
78T05AA UTC-78T05AA Datasheet
325Kb / 10P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
LM78XXA UTC-LM78XXA Datasheet
260Kb / 7P
3-TERMINAL 1.5A POSITIVE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com