Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N6051 Datasheet (PDF) - Inchange Semiconductor Company Limited

2N6051 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2N6051
Download  2N6051 Download
File Size   146.28 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlingtion Power Transistor

2N6051 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N6051 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2N6051
Download  2N6051 Click to download

File Size   146.28 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description isc Silicon PNP Darlingtion Power Transistor

2N6051 Datasheet (HTML) - Inchange Semiconductor Company Limited


2N6051 Product details

DESCRIPTION
• Built-in Base-Emitter Shunt Resistors
• High DC current gainhFE = 750 (Min) @ IC = -6A
• Collector-Emitter Sustaining VoltageVCEO(SUS)= -80V(Min)
• Complement to type 2N6058

APPLICATIONS
• Designed for general purpose amplifier and low frequency switching applications.




Similar Part No. - 2N6051

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6051 MOSPEC-2N6051 Datasheet
188Kb / 4P
POWER TRANSISTORS(12A,150W)
logo
Boca Semiconductor Corp...
2N6051 BOCA-2N6051 Datasheet
195Kb / 4P
DARLINGTON COMPLEMENTARY SILICON-POWER TRANSISTORS
logo
Micrel Semiconductor
2N6051 MICREL-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N6051 ETC-2N6051 Datasheet
347Kb / 8P
Power Transistors
logo
Microsemi Corporation
2N6051 MICROSEMI-2N6051 Datasheet
57Kb / 2P
PNP DARLINGTON POWER SILICON TRANSISTOR
More results


Similar Description - 2N6051

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ2501 ISC-MJ2501 Datasheet
72Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ2500 ISC-MJ2500 Datasheet
74Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4030 ISC-MJ4030 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4031 ISC-MJ4031 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
MJ4032 ISC-MJ4032 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD11K100 ISC-PMD11K100 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD13K100 ISC-PMD13K100 Datasheet
214Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
PMD17K80 ISC-PMD17K80 Datasheet
215Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
2N6050 ISC-2N6050 Datasheet
257Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
2N6648 ISC-2N6648 Datasheet
285Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com