Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5312QI Datasheet (PDF) - Altera Corporation

EN5312QI Datasheet PDF - Altera Corporation
Part # EN5312QI
Download  EN5312QI Download
File Size   990.15 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Integrated Inductor

EN5312QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5312QI Datasheet PDF - Altera Corporation

Part # EN5312QI
Download  EN5312QI Click to download

File Size   990.15 Kbytes
Page   16 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Integrated Inductor

EN5312QI Datasheet (HTML) - Altera Corporation


EN5312QI Product details

Product Overview
The Ultra-Low-Profile EN5312QI is targeted to applications where board area and profile are critical. EN5312QI is a complete power conversion solution requiring only two low cost ceramic MLCC caps. Inductor, MOSFETS, PWM, and compensation are integrated into a tiny 5mm x 4mm x 1.1mm QFN package. The EN5312QI is engineered to simplify design and to minimize layout constraints. 4 MHz switching frequency and internal type III compensation provides superior transient response. With a 1.1 mm profile, the EN5312QI is ideal for space and height constrained applications.

Product Highlights
• Revolutionary Integrated Inductor
• 5mm x 4mm x1.1mm QFN package
• Very small total solution foot print*
• 4 MHz switching frequency
• Only two low cost MLCC caps required
• Designed for low noise/low EMI
• Very low ripple voltage; 5mVp-p Typical
• High efficiency, up to 95%
• Wide 2.4V to 6.6V input range
• 1000mA continuous output current
• Less than 1 µA standby current.
• Excellent transient performance
• 3 Pin VID Output Voltage select
• External divider: 0.6V to VIN-Vdropout
• 100% duty cycle capable
• Short circuit and over current protection
• UVLO and thermal protection
• RoHS compliant; MSL 3 260°C reflow

Applications
• Area constrained applications
• Noise Sensitive Applications such as A/V and RF
• LDO replacement for improved thermals
• Lower Power FPGA and ASICs
• Smart phones, PDAs
• VoIP and Video phones
• Personal Media Players




Similar Part No. - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5312QI ENPIRION-EN5312QI Datasheet
462Kb / 16P
1A Synchronous Buck Regulator With Integrated Inductor
More results


Similar Description - EN5312QI

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EN2340QI ALTERA-EN2340QI Datasheet
1Mb / 23P
Integrated Inductor
EN6310QI ALTERA-EN6310QI Datasheet
1Mb / 23P
Integrated Inductor
EN6337QA ALTERA-EN6337QA Datasheet
1Mb / 23P
Integrated Inductor
EN6337QI ALTERA-EN6337QI Datasheet
1Mb / 23P
Integrated Inductor
EN6347QA ALTERA-EN6347QA Datasheet
1Mb / 25P
Integrated Inductor
EN6360QA ALTERA-EN6360QA Datasheet
1Mb / 24P
Integrated Inductor
EN63A0QA ALTERA-EN63A0QA Datasheet
1Mb / 25P
Integrated Inductor
EN63A0QI ALTERA-EN63A0QI Datasheet
2Mb / 25P
Integrated Inductor
EP5348UI ALTERA-EP5348UI Datasheet
822Kb / 12P
Integrated Inductor
EP5358LUA ALTERA-EP5358LUA Datasheet
1Mb / 21P
Integrated Inductor
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com