Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EN5339QI Datasheet (PDF) - Altera Corporation

EN5339QI Datasheet PDF - Altera Corporation
Part # EN5339QI
Download  EN5339QI Download
File Size   1276.79 Kbytes
Page   20 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Converter with Integrated Inductor

EN5339QI Datasheet (PDF)

Go To PDF Page Download Datasheet
EN5339QI Datasheet PDF - Altera Corporation

Part # EN5339QI
Download  EN5339QI Click to download

File Size   1276.79 Kbytes
Page   20 Pages
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation
Description Converter with Integrated Inductor

EN5339QI Datasheet (HTML) - Altera Corporation


EN5339QI Product details

Description
The EN5339QI is a highly integrated, low profile, highly efficient, 3A synchronous buck power system on a chip (PowerSoC). The device features an advance integrated inductor, integrated MOSFETs, a PWM voltage-mode controller, and internal compensation providing the smallest possible solution size.

Features
• Integrated Inductor
• Solution Footprint as Small as 55 mm2
• Low Profile, 1.1mm
• High Reliability Solution: 280k Years MTBF
• High Efficiency, up to 95%
• Low Output Ripple Voltage; <5mVP-P Typical
• ±3% Output Variation Over Line, Load, Temp
• 2.4 V to 5.5 V Input Voltage Range
• 3A Continuous Output Current Capability
• Output Enable and Power OK Signal
• Under Voltage Lockout, Over Current, Short Circuit, and Thermal Protection
• RoHS Compliant; Halogen Free; 260°C Reflow

Applications
• Applications with Low Profile Requirement such as SSD and Embedded Computing
• SAN/NAS Accelerator Appliance
• Controllers, Raid, Processors, Network Processors, DSPs’ FPGAs, and ASICs
• Noise Sensitive Applications




Similar Part No. - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EN5339QI ENPIRION-EN5339QI Datasheet
1Mb / 19P
3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
EN5339QI-E ENPIRION-EN5339QI-E Datasheet
1Mb / 19P
3A Low Profile Synchronous Buck DC-DC Converter with Integrated Inductor
More results


Similar Description - EN5339QI

ManufacturerPart #DatasheetDescription
logo
Enpirion, Inc.
EP53F8QI ENPIRION-EP53F8QI Datasheet
265Kb / 11P
1500 mA Synchronous Buck PWM DC-DC Converter with Integrated Inductor
logo
Altera Corporation
EN5322QI ALTERA-EN5322QI Datasheet
899Kb / 17P
2A PowerSoC Synchronous Buck DC-DC Converter with Integrated Inductor
EN5396QI ALTERA-EN5396QI Datasheet
1Mb / 19P
9A PowerSoC Synchronous DC-DC Buck Converter with Integrated Inductor
logo
Union Semiconductor, In...
UM3502QA UNIONSEMI-UM3502QA Datasheet
559Kb / 13P
Low-Profile, 600mA, Synchronous Step-Down Converter with Integrated Inductor
logo
Monolithic Power System...
MPM3506A MPS-MPM3506A Datasheet
1Mb / 22P
36V/0.6A Module Synchronous Step-Down Converter with Integrated Inductor
MPM3510A MPS-MPM3510A Datasheet
544Kb / 22P
36V/1.2A Module Synchronous Step-Down Converter with Integrated Inductor
logo
Intel Corporation
EN6340QI INTEL-EN6340QI Datasheet
2Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
logo
Monolithic Power System...
EVM3606A-QV-00A MPS-EVM3606A-QV-00A Datasheet
240Kb / 6P
21V/0.6A Module Converter with Integrated Inductor Evaluation Board
EVM3620A-QV-00A MPS-EVM3620A-QV-00A Datasheet
328Kb / 6P
24V/2A Module Converter with Integrated Inductor Evaluation Board
logo
Intel Corporation
EN6363QI INTEL-EN6363QI Datasheet
1Mb / 28P
Step-Down DC-DC Switching Converter with Integrated Inductor
July 19, 2017 Rev A
More results




About Altera Corporation


Altera Corporation was an American manufacturer of programmable logic devices (PLDs), reconfigurable complex digital circuits. It was acquired by Intel Corporation in 2015 and is now a subsidiary of Intel.

Founded in 1983, Altera was one of the pioneers in the field of programmable logic, offering a range of PLD products including field-programmable gate arrays (FPGAs), complex programmable logic devices (CPLDs), and specialized chips for digital signal processing and memory interface functions. The company's products were used in a variety of applications including communication systems, industrial automation, medical equipment, and military systems.

Altera was known for its innovation in the PLD market, including the development of high-density FPGAs and low-power, high-performance CPLDs. With its acquisition by Intel, Altera continues to provide PLD solutions for its customers, leveraging the resources and technology of one of the world's largest technology companies.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com