Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9181B Datasheet (PDF) - Micro Analog systems

MAS9181B Datasheet PDF - Micro Analog systems
Part # MAS9181B
Download  MAS9181B Download
File Size   175.93 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description OCTAL 8 BIT TRIMMER IC

MAS9181B Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9181B Datasheet PDF - Micro Analog systems

Part # MAS9181B
Download  MAS9181B Click to download

File Size   175.93 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description OCTAL 8 BIT TRIMMER IC

MAS9181B Datasheet (HTML) - Micro Analog systems


MAS9181B Product details

DESCRIPTION
The MAS9181 comprises eight digital to analog converters (DACs) each controlled by a two-wire I2C bus. The DACs are individually programmed using an 8- bit word to select an output from one of 256 voltage steps. The maximum output voltage of all DACs is set by Vmax and the resolution is Vmax/256. At power-on all outputs are set to their lowest value. The I2C-bus slave receiver has 3 programmable address pins (2 for MAS9181 CS).

FEATURES
• Rail to rail output stages
• Octal 8-bit DACs on a single monolithic chip
• Power supply range from +5 V to +12 V
• -20°C to +85°C temperature range
• 16-pin PDIL and SO package
• Power-up reset

APPLICATION
• Trimmer replacement
• AGC/AFT or TVs and VCRs
• Graphic equalizers
• High resolution monitors




Similar Part No. - MAS9181B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9180 MAS-MAS9180 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1TC00 MAS-MAS9180A1TC00 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UA06 MAS-MAS9180A1UA06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A1UC06 MAS-MAS9180A1UC06 Datasheet
278Kb / 15P
AM Receiver IC
MAS9180A5TC00 MAS-MAS9180A5TC00 Datasheet
278Kb / 15P
AM Receiver IC
More results


Similar Description - MAS9181B

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS8444A MAS-MAS8444A Datasheet
1Mb / 9P
OCTAL 6-BIT TRIMMER IC
logo
Analog Devices
AD7228KN AD-AD7228KN Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228KR AD-AD7228KR Datasheet
210Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228BQ AD-AD7228BQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228LP AD-AD7228LP Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD7228UQ AD-AD7228UQ Datasheet
169Kb / 8P
LC2MOS Octal 8-Bit DAC
REV. A
AD8801 AD-AD8801_15 Datasheet
216Kb / 16P
Octal 8-Bit TrimDAC
REV. A
logo
Linear Technology
LTC1665 LINER-LTC1665_15 Datasheet
234Kb / 18P
Micropower Octal 8-Bit and 10-Bit DACs
logo
Analog Devices
AD7228 AD-AD7228 Datasheet
457Kb / 16P
LC2MOS Octal 8-Bit DAC
12-Oct-2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com