Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1227ACEE-T Datasheet (PDF) - Maxim Integrated Products

MAX1227ACEE-T Datasheet PDF - Maxim Integrated Products
Part # MAX1227ACEE-T
Download  MAX1227ACEE-T Download
File Size   512.23 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

MAX1227ACEE-T Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1227ACEE-T Datasheet PDF - Maxim Integrated Products

Part # MAX1227ACEE-T
Download  MAX1227ACEE-T Click to download

File Size   512.23 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference

MAX1227ACEE-T Datasheet (HTML) - Maxim Integrated Products


MAX1227ACEE-T Product details

General Description
The MAX1227/MAX1229/MAX1231 are serial 12-bit analog-to-digital converters (ADCs) with an internal reference and an internal temperature sensor. These devices feature an on-chip FIFO, scan mode, internal clock mode, internal averaging, and AutoShutdown™. The maximum sampling rate is 300ksps using an external clock. The MAX1231 has 16 input channels, the MAX1229 has 12 input channels, and the MAX1227 has 8 input channels. All input channels are configurable for single-ended or differential inputs in unipolar or bipolar mode. All three devices operate from a +3V supply and contain a 10MHz SPI™-/QSPI™-/MICROWIRE™-compatible serial port.
The MAX1231 is available in 28-pin 5mm x 5mm TQFN with exposed pad and 24-pin QSOP packages. The MAX1227/MAX1229 are only available in QSOP packages. All three devices are specified over the extended -40°C to +85°C temperature range.

Features
♦ Internal Temperature Sensor (±0.7°C Accuracy)
♦ 16-Entry First-In/First-Out (FIFO)
♦ Analog Multiplexer with True Differential Track/Hold
   16-, 12-, 8-Channel Single Ended
   8-, 6-, 4-Channel True Differential
   (Unipolar or Bipolar)
♦ Accuracy: ±1 LSB INL, ±1 LSB DNL, No Missing
   Codes Overtemperature
♦ Scan Mode, Internal Averaging, and Internal Clock
♦ Low-Power Single +3V Operation 1mA at 300ksps
♦ Internal 2.5V Reference or External Differential Reference
♦ 10MHz 3-Wire SPI-/QSPI-/MICROWIRE-Compatible Interface
♦ Space-Saving 28-Pin 5mm x 5mm TQFN Package

Applications
   System Supervision
   Data-Acquisition Systems
   Industrial Control Systems
   Patient Monitoring
   Data Logging
   Instrumentation




Similar Part No. - MAX1227ACEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1227 MAXIM-MAX1227 Datasheet
543Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1227 MAXIM-MAX1227 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1227 MAXIM-MAX1227 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1227 MAXIM-MAX1227 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227BCEE MAXIM-MAX1227BCEE Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
More results


Similar Description - MAX1227ACEE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1226 MAXIM-MAX1226 Datasheet
543Kb / 24P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
19-2852; Rev 1; 7/03
MAX1026 MAXIM-MAX1026 Datasheet
474Kb / 24P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 1; 7/03
MAX1027 MAXIM-MAX1027 Datasheet
248Kb / 23P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 2; 10/05
MAX1026 MAXIM-MAX1026_09 Datasheet
254Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 11/09
MAX1227 MAXIM-MAX1227_10 Datasheet
265Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 3; 2/10
MAX1026 MAXIM-MAX1026_11 Datasheet
339Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 4; 4/11
MAX1227 MAXIM-MAX1227_11 Datasheet
230Kb / 22P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
Rev 6; 5/11
MAX1227 MAXIM-MAX1227_12 Datasheet
231Kb / 22P
12-Bit 300ksps ADCs with FIFO,Temp Sensor, Internal Reference
Rev 7; 4/12
MAX1027 MAXIM-MAX1027_V01 Datasheet
821Kb / 22P
10-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2011
MAX1226 MAXIM-MAX1226_V01 Datasheet
394Kb / 23P
12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference
2010
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com