Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9020 Datasheet (PDF) - Maxim Integrated Products

MAX9020 Datasheet PDF - Maxim Integrated Products
Part # MAX9020
Download  MAX9020 Download
File Size   446.6 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference

MAX9020 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9020 Datasheet PDF - Maxim Integrated Products

Part # MAX9020
Download  MAX9020 Click to download

File Size   446.6 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference

MAX9020 Datasheet (HTML) - Maxim Integrated Products


MAX9020 Product details

General Description
The single MAX9015/MAX9016 and dual MAX9017–MAX9020 nanoPower comparators in space-saving SOT23 packages feature Beyond-the-Rails™ inputs and are guaranteed to operate down to 1.8V. The A-grade packages feature an on-board 1.236V ±1% reference, while the B-grade packages feature a 1.24V ±1.75% reference. An ultra-low supply current of 0.85μA (MAX9019/MAX9020), 1μA (MAX9015/MAX9016), or 1.2μA (MAX9017/MAX9018) makes this product family of comparators ideal for all 2-cell battery monitoring/management applications.

Benefts and Features
● Ultra-Low Total Supply Current
    • 0.85μA (MAX9019/MAX9020)
    • 1.0μA (MAX9015A/MAX9016A)
    • 1.2μA (MAX9017/MAX9018)
● Guaranteed Operation Down to 1.8V
● Precision VOS < 5mV (max)
● Internal 1.236V ±1% Reference (A Grade)
● Input Voltage Range Extends 200mV Beyond-the-Rails
● CMOS Push-Pull Output with ±6mA Drive Capability (MAX9015/MAX9017/MAX9019)
● Open-Drain Output Versions Available (MAX9016/MAX9018/MAX9020)
● Crowbar-Current-Free Switching
● Internal 4mV Hysteresis for Clean Switching
● No Phase Reversal for Overdriven Inputs
● Dual Versions in Space-Saving 8-Pin SOT23 Package
● AEC-Q100 Grade 3 Qualified, Refer to Ordering Information for the List of /V Parts

Applications
● 2-Cell Battery Monitoring/Management
● Ultra-Low Power Systems
● Mobile Communications
● Notebooks and PDAs
● Threshold Detectors/ Discriminators
● Window Detectors
● Sensing at Ground or Supply Line
● Telemetry and Remote Systems
● Medical Instruments




Similar Part No. - MAX9020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9020 MAXIM-MAX9020 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9020EKA MAXIM-MAX9020EKA Datasheet
78Kb / 6P
PLASTIC ENCAPSULATED DEVICES
Rev. A September 22, 2003
MAX9020EKA-T MAXIM-MAX9020EKA-T Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
More results


Similar Description - MAX9020

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117 Datasheet
336Kb / 13P
SC70, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 2; 8/02
MAX917 MAXIM-MAX917 Datasheet
150Kb / 12P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
19-1512; Rev 0; 7/99
logo
Burr-Brown (TI)
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Maxim Integrated Produc...
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9025 MAXIM-MAX9025_11 Datasheet
1Mb / 14P
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 6/11
logo
Texas Instruments
TLV3011-EP TI1-TLV3011-EP Datasheet
514Kb / 18P
NANOPOWER 1.8-V SOT23 COMPARATORS WITH VOLTAGE REFERENCE
logo
Maxim Integrated Produc...
MAX917 MAXIM-MAX917_07 Datasheet
597Kb / 15P
SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 1; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com