Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK1491-09 Datasheet (PDF) - Integrated Circuit Systems

MK1491-09 Datasheet PDF - Integrated Circuit Systems
Part # MK1491-09
Download  MK1491-09 Download
File Size   156.41 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description AMD Geode GX2 Clock Source

MK1491-09 Datasheet (PDF)

Go To PDF Page Download Datasheet
MK1491-09 Datasheet PDF - Integrated Circuit Systems

Part # MK1491-09
Download  MK1491-09 Click to download

File Size   156.41 Kbytes
Page   8 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description AMD Geode GX2 Clock Source

MK1491-09 Datasheet (HTML) - Integrated Circuit Systems


MK1491-09 Product details

Description

The MK1491-09 is a low-cost, low-jitter, high-performance clock synthesizer for AMD’s Geode-based computer and portable appliance applications. Using patented analog Phased-Locked Loop (PLL) techniques, the device accepts a 14.318 MHz crystal input to produce multiple output clocks. It provides selectable PCI local bus clocks, 48 MHz clocks for Super I/O and USB, as well as multiple Reference outputs.



Features

• Packaged in 28-pin SSOP (209 mil body)

• Available in Pb (lead) free packaged

• Provides all critical timing for the AMD Geode companion chip

• Four selectable PCI clocks

• Three LPC interface clocks

• One Fixed 66 MHz clock

• 2 Reference clocks

• 48 MHz USB and 48 MHz IO support

• Power down mode

• Low EMI Enable pin reduces EMI radiation on PCI clocks, LCLKS, and 66 MHz clock

• Operating voltage of 3.3 V ±5%




Similar Part No. - MK1491-09

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FILN RENESAS-MK1491-09FILN Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FILNTR RENESAS-MK1491-09FILNTR Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLN RENESAS-MK1491-09FLN Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
MK1491-09FLNTR RENESAS-MK1491-09FLNTR Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
More results


Similar Description - MK1491-09

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
MK1491-06 ICST-MK1491-06 Datasheet
88Kb / 6P
CS5530 Geode??Clock Source
Revision 101700
MK149106 ICST-MK149106 Datasheet
215Kb / 10P
AMD Geode??Clock Source
Revision 110204
logo
AAEON Technology
GENE-4312 AAEON-GENE-4312 Datasheet
385Kb / 1P
AMD Geode GX1 Processor
PCM-4896 AAEON-PCM-4896 Datasheet
380Kb / 1P
AMD Geode GX1 Processor
PCM-4896L AAEON-PCM-4896L Datasheet
452Kb / 1P
AMD Geode GX1 Processor
PFM-535I AAEON-PFM-535I Datasheet
1Mb / 1P
AMD Geode GX1 Processor
logo
Advantech Co., Ltd.
PCM-9375A3 ADVANTECH-PCM-9375A3 Datasheet
903Kb / 2P
AMD Geode??LX800 3.5
12-Oct-2021
PCM-9375 ADVANTECH-PCM-9375_V01 Datasheet
1Mb / 2P
AMD Geode??LX800 3.5
21-Mar-2018
logo
Renesas Technology Corp
MK1491-06 RENESAS-MK1491-06 Datasheet
288Kb / 13P
AMD GEODE™ CLOCK SOURCE
060914
MK1491-09 RENESAS-MK1491-09 Datasheet
379Kb / 11P
AMD GEODE™ GX2 CLOCK SOURCE
051310
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com