Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0914895 Datasheet (PDF) - PHOENIX CONTACT

0914895 Datasheet PDF - PHOENIX CONTACT
Part # 0914895
Download  0914895 Download
File Size   94.27 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A

0914895 Datasheet (PDF)

Go To PDF Page Download Datasheet
0914895 Datasheet PDF - PHOENIX CONTACT

Part # 0914895
Download  0914895 Click to download

File Size   94.27 Kbytes
Page   8 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Thermomagnetic device circuit breaker - TMC 2 F1 120 12,0A

0914895 Datasheet (HTML) - PHOENIX CONTACT




Similar Part No. - 0914895

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914811 PHOENIX-0914811 Datasheet
312Kb / 9P
TMC 2 F1 120 2,0A - Thermal-magnetic device circuit breaker
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914837 PHOENIX-0914837 Datasheet
312Kb / 9P
TMC 2 F1 120 3,0A - Thermal-magnetic device circuit breaker
0914840 PHOENIX-0914840 Datasheet
312Kb / 9P
TMC 2 F1 120 4,0A - Thermal-magnetic device circuit breaker
More results


Similar Description - 0914895

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0914730 PHOENIX-0914730 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,2A
0914743 PHOENIX-0914743 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,3A
0914756 PHOENIX-0914756 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,4A
0914769 PHOENIX-0914769 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,5A
0914772 PHOENIX-0914772 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,6A
0914785 PHOENIX-0914785 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 0,8A
0914808 PHOENIX-0914808 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 1,5A
0914824 PHOENIX-0914824 Datasheet
90Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 2,5A
0914879 PHOENIX-0914879 Datasheet
94Kb / 8P
Thermomagnetic device circuit breaker - TMC 2 F1 120 8,0A
0915072 PHOENIX-0915072 Datasheet
83Kb / 7P
Thermomagnetic device circuit breaker - TMC 2 M1 120 12,0A
11.06.2012
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com