Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C3991-2J Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C3991-2J Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C3991-2J
Download  PI6C3991-2J Download
File Size   500.99 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock

PI6C3991-2J Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C3991-2J Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C3991-2J
Download  PI6C3991-2J Click to download

File Size   500.99 Kbytes
Page   11 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock

PI6C3991-2J Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C3991-2J Product details

Description
PI6C3991 offers selectable control over system clock functions. These multiple-output clock drivers provide the system integrator with functions necessary to optimize the timing of high-performance computer systems. Eight individual drivers, arranged as four pairs of user-controllable outputs, can each drive terminated transmission lines with impedances as low as 50 ohms while delivering minimal and specified output skews and full-swing logic levels (LVTTL).

Features
• All output pair skew <100ps typical (250 Max.)
• 3.75 MHz to 80 MHz output operation
• User-selectable output functions
    - Selectable skew to 18ns
    - Inverted and Non-Inverted
    - Operation at ½ and ¼ input frequency
    - Operation at 2X and 4X input frequency (input as low as 3.75 MHz, x4 operation)
• Zero input-to-output delay
• 50% duty-cycle outputs
• LVTTL outputs drive 50-ohm terminated lines
• Operates from a single 3.3V supply
• Low operating current
• Available in 32-pin PLCC (J) package
• Jitter < 200ps peak-to-peak (< 25ps RMS)




Similar Part No. - PI6C3991-2J

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C39911-2J PERICOM-PI6C39911-2J Datasheet
262Kb / 11P
3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C39911-5J PERICOM-PI6C39911-5J Datasheet
262Kb / 11P
3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
PI6C399111J PERICOM-PI6C399111J Datasheet
262Kb / 11P
3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
More results


Similar Description - PI6C3991-2J

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
December 1, 1999
logo
Pericom Semiconductor C...
PI6C39911 PERICOM-PI6C39911 Datasheet
262Kb / 11P
3.3V High Speed LVTTL or Balanced Output Programmable Skew Clock Buffer - SuperClock
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4993 EXAR-XRK4993 Datasheet
268Kb / 13P
3.3V PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
High Speed Low Voltage Programmable Skew Clock Buffer
CY7C9915 CYPRESS-CY7C9915 Datasheet
309Kb / 14P
3.3V Programmable Skew Clock Buffer
CY7B991V CYPRESS-CY7B991V Datasheet
528Kb / 13P
Low Voltage Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
High Speed Low Voltage Programmable Skew Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com