Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M38503M4 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M38503M4 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M38503M4
Download  M38503M4 Download
File Size   736.06 Kbytes
Page   51 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M38503M4 Datasheet (PDF)

Go To PDF Page Download Datasheet
M38503M4 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M38503M4
Download  M38503M4 Click to download

File Size   736.06 Kbytes
Page   51 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER

M38503M4 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M38503M4 Product details

DESCRIPTION
The 3850 group is the 8-bit microcomputer based on the 740 family core technology.
The 3850 group is designed for the household products and office automation equipment and includes serial I/O functions, 8-bit timer, and A-D converter.

FEATURES
● Basic machine-language instructions ...................................... 71
● Minimum instruction execution time .................................. 0.5 µs
   (at 8 MHz oscillation frequency)
● Memory size
   ROM ................................................................... 8K to 24K bytes
   RAM ..................................................................... 512 to 640 byte
● Programmable input/output ports ............................................ 34
● Interrupts ................................................. 14 sources, 14 vectors
● Timers ............................................................................. 8-bit ✕ 4
● Serial I/O ....................... 8-bit ✕ 1(UART or Clock-synchronized)
● PWM ............................................................................... 8-bit ✕ 1
● A-D converter ............................................... 10-bit ✕ 5 channels
● Watchdog timer ............................................................ 16-bit ✕ 1
● Clock generating circuit ..................................... Built-in 2 circuits
   (connect to external ceramic resonator or quartz-crystal oscillator)
● Power source voltage
   In high-speed mode .................................................. 4.0 to 5.5 V
   (at 8 MHz oscillation frequency)
   In high-speed mode .................................................. 2.7 to 5.5 V
   (at 4 MHz oscillation frequency)
   In middle-speed mode ............................................... 2.7 to 5.5 V
   (at 8 MHz oscillation frequency)
   In low-speed mode .................................................... 2.7 to 5.5 V
   (at 32 kHz oscillation frequency)
● Power dissipation
   In high-speed mode ..........................................................34 mW
   (at 8 MHz oscillation frequency, at 5 V power source voltage)
   In low-speed mode ............................................................ 60 µW
   (at 32 kHz oscillation frequency, at 3 V power source voltage)
● Operating temperature range.................................... –20 to 85°C

APPLICATION
   Office automation equipment, FA equipment, Household products, Consumer electronics, etc.




Similar Part No. - M38503M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M38503M4 MITSUBISHI-M38503M4 Datasheet
807Kb / 52P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38503M4-067FP MITSUBISHI-M38503M4-067FP Datasheet
807Kb / 52P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38503M4-067FP MITSUBISHI-M38503M4-067FP Datasheet
1Mb / 86P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38503M4-094FP MITSUBISHI-M38503M4-094FP Datasheet
807Kb / 52P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38503M4-094FP MITSUBISHI-M38503M4-094FP Datasheet
1Mb / 86P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Similar Description - M38503M4

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com