Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM10 Datasheet (PDF) - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
LM10 Datasheet PDF - National Semiconductor (TI)
Part # LM10
Download  LM10 Download
File Size   688.5 Kbytes
Page   21 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Operational Amplifier and Voltage Reference

LM10 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM10 Datasheet PDF - National Semiconductor (TI)

Part # LM10
Download  LM10 Click to download

File Size   688.5 Kbytes
Page   21 Pages
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)
Description Operational Amplifier and Voltage Reference

LM10 Datasheet (HTML) - National Semiconductor (TI)


LM10 Product details

General Description

The LM10 series are monolithic linear ICs consisting of a precision reference, an adjustable reference buffer and an independent, high quality op amp. The unit can operate from a total supply voltage as low as 1.1V or as high as 40V, drawing only 270µA. A complemen tary output stage swings within 15 mV of the supply terminals or will deliver±20 mA output current with±0.4V saturation. Reference output can be as low as 200 mV.

The circuit is recommended for portable equipment and is completely specified for operation from a single power cell. In contrast, high output-drive capability, both voltage and current, along with thermal overload protection, suggest it in demanding general-purpose applications.



Features

input offset voltage: 2.0 mV (max)

input offset current: 0.7 nA (max)

input bias current: 20 nA (max)

reference regulation: 0.1% (max)

offset voltage drift: 2µV/˚C

reference drift: 0.002%/˚C




Similar Part No. - LM10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM10 LINER-LM10 Datasheet
786Kb / 16P
Low Power Op Amp and Reference
logo
National Semiconductor ...
LM10 NSC-LM10 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Cynergy3 Co
LM10 CYNERGY3-LM10 Datasheet
300Kb / 1P
switch for turbulent liquids & confined spaces
logo
Texas Instruments
LM10 TI-LM10 Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
List of Unclassifed Man...
LM10 ETC-LM10 Datasheet
449Kb / 1P
HIGH PRECISION PLATE RESISTORS
More results


Similar Description - LM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSM103WAID STMICROELECTRONICS-TSM103WAID Datasheet
53Kb / 7P
Dual Operational Amplifier and Voltage Reference
02-Apr-2004
TSM107 STMICROELECTRONICS-TSM107 Datasheet
80Kb / 5P
Triple Operational Amplifier and Voltage Reference
01-Dec-2004
logo
National Semiconductor ...
LM10 NSC-LM10_00 Datasheet
779Kb / 25P
Operational Amplifier and Voltage Reference
logo
Gamma Microelectronics ...
GMA103A GAMMA-GMA103A Datasheet
261Kb / 9P
DUAL OPERATIONAL AMPLIFIER AND VOLTAGE REFERENCE
logo
Texas Instruments
LM10CLN TI-LM10CLN Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
National Semiconductor ...
LM10 NSC-LM10_14 Datasheet
2Mb / 34P
LM10 Operational Amplifier and Voltage Reference
logo
Cystech Electonics Corp...
LM103AQ8 CYSTEKEC-LM103AQ8 Datasheet
281Kb / 6P
Dual Operational Amplifier and Voltage Reference
logo
Texas Instruments
LM10 TI1-LM10 Datasheet
3Mb / 37P
Operational Amplifier and Voltage Reference
LM10QML TI1-LM10QML_14 Datasheet
1Mb / 28P
Operational Amplifier and Voltage Reference
LM10-MIL TI1-LM10-MIL Datasheet
2Mb / 29P
Operational Amplifier and Voltage Reference
More results




About National Semiconductor (TI)


National Semiconductor was an American semiconductor company that was founded in 1959.
The company was known for its innovations in the field of analog and mixed-signal integrated circuits and was a leading supplier of power management and data conversion products.
National Semiconductor's products were used in a variety of applications including consumer electronics, industrial, automotive, and telecommunications.
The company was acquired by Texas Instruments in 2011 and its products and technologies continue to be developed and sold under the Texas Instruments brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com