Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP8610 Datasheet (PDF) - Zarlink Semiconductor Inc

SP8610 Datasheet PDF - Zarlink Semiconductor Inc
Part # SP8610
Download  SP8610 Download
File Size   336.23 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description asynchronous ECL divide

SP8610 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP8610 Datasheet PDF - Zarlink Semiconductor Inc

Part # SP8610
Download  SP8610 Click to download

File Size   336.23 Kbytes
Page   9 Pages
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc
Description asynchronous ECL divide

SP8610 Datasheet (HTML) - Zarlink Semiconductor Inc


SP8610 Product details

The SP8610 and SP8611 are asynchronous ECL divide by four circuits with ECL compatible outputs which can also be used to drive 100Ω lines. They feature input sensitivities of 600mV p-p (800mV p-p above 1300MHz).

FEATURES
■ ECL Compatible Outputs
■ AC-Coupled Inputs (Internal Bias)

QUICK REFERENCE DATA
■ Supply Voltage: 25·2V
■ Power Consumption: 380mW
■ Max. Input Frequency: 1500MHz (SP8611B)
■ Temperature Range:
   A Grade: 255°C to 1110°C
   (1125°C with suitable heat sink)
   B Grade: 0°C to 170°C




Similar Part No. - SP8610

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP8610 SIPEX-SP8610 Datasheet
205Kb / 11P
12-Bit Sampling A/D Converters
More results


Similar Description - SP8610

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
SA702 PHILIPS-SA702 Datasheet
80Kb / 7P
Divide by: 64/65/72 triple modulus low power ECL prescaler
June 17, 1993
logo
List of Unclassifed Man...
HS-820 ETC-HS-820 Datasheet
257Kb / 2P
ECL-100K ECL Supplement
SP8665B ETC1-SP8665B Datasheet
100Kb / 4P
The SP8865/8 are asynchronous ECL counters which provide ECL compatible outputs
CA3232 ETC1-CA3232 Datasheet
130Kb / 2P
DIVIDE 20 PRESCALER
logo
Nel Frequency Controls,...
HS-800 NEL-HS-800 Datasheet
260Kb / 2P
ECL
SJ-2810 NEL-SJ-2810 Datasheet
263Kb / 2P
ECL
logo
Hittite Microwave Corpo...
HMC791LC4B HITTITE-HMC791LC4B Datasheet
435Kb / 10P
DIVIDE-BY-2, DIVIDE-BY-4 0.1 - 28 GHz
HMC791LC4B HITTITE-HMC791LC4B_10 Datasheet
738Kb / 10P
28 GHz CLOCK DIVIDE-BY-2 / DIVIDE-BY-4
logo
Zilog, Inc.
Z86C9320PSC ZILOG-Z86C9320PSC Datasheet
1Mb / 47P
MULTIPLY/DIVIDE MICROCONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com