Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1424 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

2SB1424 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # 2SB1424
Download  2SB1424 Download
File Size   203.17 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

2SB1424 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1424 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # 2SB1424
Download  2SB1424 Click to download

File Size   203.17 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Transistors

2SB1424 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


2SB1424 Product details

FEATURES
• Low VCE(SAT) =-0.2V(Typ.) (IC/IB=-2A/-0.1mA).
• Excellent DC current gain characterisitics.
• Complementary the 2SD2150.
   




Similar Part No. - 2SB1424

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
101Kb / 3P
Low Vce(sat) Transistor (-20V, -3A)
logo
Weitron Technology
2SB1424 WEITRON-2SB1424 Datasheet
254Kb / 4P
Epitaxial Planar PNP Transistors
logo
Rohm
2SB1424 ROHM-2SB1424 Datasheet
91Kb / 4P
Low VCE(sat) Transistor (−20V, −3A)
logo
TRANSYS Electronics Lim...
2SB1424 TEL-2SB1424 Datasheet
61Kb / 1P
Plastic-Encapsulate Transistors
logo
Guangdong Kexin Industr...
2SB1424 KEXIN-2SB1424 Datasheet
52Kb / 1P
Low VCE(sat) Transistor
More results


Similar Description - 2SB1424

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9013 ETC-S9013 Datasheet
963Kb / 2P
PLASTIC ENCAPSULATE TRANSISTORS
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401 Datasheet
116Kb / 3P
Plastic-Encapsulate Transistors
logo
SeCoS Halbleitertechnol...
BCX51 SECOS-BCX51 Datasheet
1Mb / 1P
Plastic-Encapsulate Transistors
D882 SECOS-D882 Datasheet
277Kb / 2P
Plastic Encapsulate Transistors
logo
Micro Commercial Compon...
MMDT5401 MCC-MMDT5401_11 Datasheet
231Kb / 3P
Plastic-Encapsulate Transistors
logo
MAKO SEMICONDUCTOR CO.,...
2SC945 MAKOSEMI-2SC945 Datasheet
99Kb / 2P
Plastic-Encapsulate Transistors
KTC3875 MAKOSEMI-KTC3875 Datasheet
88Kb / 2P
Plastic-Encapsulate Transistors
logo
Nanjing International G...
KTA1275 DGNJDZ-KTA1275 Datasheet
149Kb / 1P
Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SD2142 JIANGSU-2SD2142 Datasheet
271Kb / 1P
Plastic-Encapsulate Transistors
BC516 JIANGSU-BC516 Datasheet
401Kb / 3P
Plastic-Encapsulate Transistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com