Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL431 Datasheet (PDF) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

TL431 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Part # TL431
Download  TL431 Download
File Size   257.66 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Adjustable Reference Source

TL431 Datasheet (PDF)

Go To PDF Page Download Datasheet
TL431 Datasheet PDF - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # TL431
Download  TL431 Click to download

File Size   257.66 Kbytes
Page   2 Pages
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.
Description Plastic-Encapsulate Adjustable Reference Source

TL431 Datasheet (HTML) - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.


TL431 Product details

FEATURES
   The output voltage can be adjusted to 36V
   Low dynamic output impedance, its typical value is 0.2Ω
   Trapping current capability is 1 to 100mA
   The typical value of the equivalent temperature factor in the
   whole temperature scope is 50 ppm/°C
   The effective temperature compensation in the working
   range of full temperature, Low output noise voltage




Similar Part No. - TL431

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
TL431 MOTOROLA-TL431 Datasheet
258Kb / 16P
PROGRAMMABLE PRECISION REFERENCES
logo
ON Semiconductor
TL431 ONSEMI-TL431 Datasheet
173Kb / 18P
PROGRAMMABLE PRECISION REFERENCES
April, 2012 ??Rev. 34
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431 Datasheet
152Kb / 10P
PROGRAMMABLE VOLTAGE REFERENCE
Mar-2002
logo
Texas Instruments
TL431 TI-TL431 Datasheet
795Kb / 41P
ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Fairchild Semiconductor
TL431 FAIRCHILD-TL431 Datasheet
87Kb / 10P
Programmable Shunt Regulator
More results


Similar Description - TL431

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CJ431K-HF COMCHIP-CJ431K-HF Datasheet
180Kb / 6P
Encapsulate Adjustable Reference Source
logo
ZP Semiconductor
CJ431K-TO92 ZPSEMI-CJ431K-TO92 Datasheet
606Kb / 1P
TO-92 Encapsulate Adjustable Reference Source
CJ432-SOT23 ZPSEMI-CJ432-SOT23 Datasheet
823Kb / 2P
SOT-23 Encapsulate Adjustable Reference Source
CJ432-TO92 ZPSEMI-CJ432-TO92 Datasheet
887Kb / 2P
TO-92 Encapsulate Adjustable Reference Source
logo
Jiangsu Changjiang Elec...
CD431 JIANGSU-CD431 Datasheet
2Mb / 3P
SOT-23 Encapsulate Adjustable Reference Source
logo
Jiangsu High diode Semi...
TL431B HDSEMI-TL431B Datasheet
2Mb / 6P
SOT-23 Encapsulate Adjustable Reference Source
TL431-SOT-23 HDSEMI-TL431-SOT-23 Datasheet
2Mb / 6P
SOT-23 Encapsulate Adjustable Reference Source
TL431-TO-92 HDSEMI-TL431-TO-92 Datasheet
2Mb / 5P
TO-92 Encapsulate Adjustable Reference Source
logo
SHENZHEN SLS TECHNOLOGY...
SLS431 SHENZHENSLS-SLS431 Datasheet
585Kb / 3P
Encapsulate Precision Adjustable Reference Source
logo
SHIKUES Electronics
TL432 SKTECHNOLGY-TL432 Datasheet
1,017Kb / 5P
SOT-23 Encapsulate Adjustable Reference Source
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com