Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T2803-PLQ Datasheet (PDF) - ATMEL Corporation

T2803-PLQ Datasheet PDF - ATMEL Corporation
Part # T2803-PLQ
Download  T2803-PLQ Download
File Size   501.68 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER

T2803-PLQ Datasheet (PDF)

Go To PDF Page Download Datasheet
T2803-PLQ Datasheet PDF - ATMEL Corporation

Part # T2803-PLQ
Download  T2803-PLQ Click to download

File Size   501.68 Kbytes
Page   27 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER

T2803-PLQ Datasheet (HTML) - ATMEL Corporation


T2803-PLQ Product details

Description

The T2803 is an RF IC for low-power applications in the 2.45 GHz ISM band. The QFN48-packaged IC is a complete transceiver including image rejection mixer, IF amplifier, FM demodulator, baseband filter, RSSI, TX preamplifier, power-ramping generator for power amplifiers, integrated synthesizer, fully integrated VCO and Gaus sian data filter for TX. No mechanical tuning is necessary in production.



Features

• Supply-voltage Range 3V to 4.6V (Regulated)

• Auxiliary Voltage Regulator On-chip (3.2V to 4.6V)

• Low Current Consumption

• Few Low-cost External Components

• No Mechanical Tuning Required

• Supports Multiple Reference Clocks (10.368 MHz/13.824 MHz)

• Fast Settling Synthesizer (864 kHz Channel Spacing)

• TX Preamplifier with 3 dBm Output Power at 2.45 GHz (4 Programmable Power Levels)

• Ramp-signal Generator for Power Ramping and Power Control of External SiGe Power Amplifier (T7024 and T7026)



 




Similar Part No. - T2803-PLQ

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T2803-PLQ ATMEL-T2803-PLQ Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
T2803-PLQW ATMEL-T2803-PLQW Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
More results


Similar Description - T2803-PLQ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD54AC280 INTERSIL-CD54AC280 Datasheet
9Kb / 1P
2.4 GHZ WDECT/ISM SINGLE-CHIP TRANSCEIVER
June 1997
logo
ATMEL Corporation
T2802 ATMEL-T2802 Datasheet
550Kb / 29P
2.4 GHz WDECT/ISM SINGLE-CHIP TRANSCEIVER
logo
List of Unclassifed Man...
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
Single chip 2.4 GHz Transceiver
logo
ATMEL Corporation
T2803 ATMEL-T2803_05 Datasheet
582Kb / 28P
2.4 GHZ WDECT/ISM SINGLE CHIP TRANSCEIVER
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_07 Datasheet
340Kb / 24P
2.4 GHz ISM Band Low Power Transceiver
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
Low-IF 2.4-GHz ISM Transceiver
logo
List of Unclassifed Man...
NRF24L01 ETC1-NRF24L01 Datasheet
457Kb / 39P
Single chip 2.4 GHz Transceiver
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com