Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC58FVB321 Datasheet (PDF) - Toshiba Semiconductor

TC58FVB321 Datasheet PDF - Toshiba Semiconductor
Part # TC58FVB321
Download  TC58FVB321 Download
File Size   555.04 Kbytes
Page   48 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY

TC58FVB321 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC58FVB321 Datasheet PDF - Toshiba Semiconductor

Part # TC58FVB321
Download  TC58FVB321 Click to download

File Size   555.04 Kbytes
Page   48 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description 32-MBIT (4M × 8 BITS / 2M × 16 BITS) CMOS FLASH MEMORY

TC58FVB321 Datasheet (HTML) - Toshiba Semiconductor


TC58FVB321 Product details

Description
The TC58FVT321/B321 is a 33,554,432-bit, 3.0-V read-only electrically erasable and programmable flash memory organized as 4,194,304 words × 8 bits or as 2,097,152 words × 16 bits. The TC58FVT321/B321 features commands for Read, Program and Erase operations to allow easy interfacing with microprocessors. The commands are based on the JEDEC standard. The Program and Erase operations are automatically executed in the chip. The TC58FVT321/B321 also features a Simultaneous Read/Write operation so that data can be read during a Write or Erase operation.

Features
■ Power supply voltage
■ VDD = 2.7 V~3.6 V
■ Operating temperature
■ Ta = −40°C~85°C
■ Organization 4M × 8 bits / 2M × 16 bits
■ Functions Simultaneous Read/Write Auto Program, Auto Erase Fast Program Mode / Acceleration Mode Program Suspend/Resume Erase Suspend/Resume data polling / Toggle bit block protection, boot block protection Automatic Sleep, support for hidden ROM area common flash memory interface (CFI)
■ Byte/Word Modes
■ TOSHIBA is continually working to improve the quality and reliability of its products. Nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. It is the responsibility of the buyer, when utilizing TOSHIBA products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such TOSHIBA products could cause loss of human life, bodily injury or damage to property. In developing your designs, please ensure that TOSHIBA products are used within specified operating ranges as set forth in the most recent TOSHIBA products specifications. Also, please keep in mind the precautions and conditions set forth in the “Handling Guide for Semiconductor Devices,” or “TOSHIBA Semiconductor Reliability Handbook” etc..
■ The Toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). These Toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (“Unintended Usage”). Unintended Usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. Unintended Usage of Toshiba products listed in this document shall be made at the customer’s own risk.
■ The products described in this document are subject to the foreign exchange and foreign trade laws.
■ The information contained herein is presented only as a guide for the applications of our products. No responsibility is assumed by TOSHIBA CORPORATION for any infringements of intellectual property or other rights of the third parties which may result from its use. No license is granted by implication or otherwise under any intellectual property or other rights of TOSHIBA CORPORATION or others.
■ The information contained herein is subject to change without notice. 000630EBA1




Similar Part No. - TC58FVB321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC58FVB321FT TOSHIBA-TC58FVB321FT Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
TC58FVB321FT-10 TOSHIBA-TC58FVB321FT-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
TC58FVB321FT-70 TOSHIBA-TC58FVB321FT-70 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
TC58FVB321FTXB-10 TOSHIBA-TC58FVB321FTXB-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
TC58FVB321FTXB-70 TOSHIBA-TC58FVB321FTXB-70 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
More results


Similar Description - TC58FVB321

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC5816BDC TOSHIBA-TC5816BDC Datasheet
1Mb / 36P
16 MBIT (2M x 8 BITS) CMOS NAND FLASH E2PROM
01-Jul-1998
TC58FVT160 TOSHIBA-TC58FVT160 Datasheet
1Mb / 29P
16-MBIT (2M x 8 BITS/1M x 16 BITS) CMOS FLASH MIMORY
11-Aug-1998
TC58FVT641 TOSHIBA-TC58FVT641 Datasheet
593Kb / 53P
64-MBIT (8M × 8 BITS / 4M × 16 BITS) CMOS FLASH MEMORY
06-Sep-2001
TC58FVT800FT-85 TOSHIBA-TC58FVT800FT-85 Datasheet
1Mb / 28P
8 MBIT (1M X 8 BITS / 512K X 16 BITS) CMOS FLASH MEMORY
TC58FVB160AF TOSHIBA-TC58FVB160AF Datasheet
539Kb / 41P
16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
TC58FVM7B2 TOSHIBA-TC58FVM7B2 Datasheet
649Kb / 68P
128-MBIT (16M X 8 BITS / 8M X 16 BITS) CMOS FLASH MEMORY
TC58FVT321FT-10 TOSHIBA-TC58FVT321FT-10 Datasheet
560Kb / 48P
TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS 32-MBIT (4M X 8 BITS / 2M X 16 BITS) CMOS FLASH MEMORY
06-Aug-2002
TC5832FT TOSHIBA-TC5832FT Datasheet
1Mb / 38P
32 MBIT (4M X 8 BITS) CMOS NAND E2PROM
12-Aug-1997
logo
Winbond
W19B320ATB WINBOND-W19B320ATB Datasheet
491Kb / 53P
4M 횞 8/2M 횞 16 BITS 3V FLEXIBLE BANK FLASH MEMORY
logo
Toshiba Semiconductor
TC58FVM7T2AFT65 TOSHIBA-TC58FVM7T2AFT65 Datasheet
622Kb / 69P
128-MBIT (16M × 8 BITS/8M × 16 BITS) CMOS FLASH MEMORY
2004-09-01
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com