Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XC61CC0902NR Datasheet (PDF) - Torex Semiconductor

XC61CC0902NR Datasheet PDF - Torex Semiconductor
Part # XC61CC0902NR
Download  XC61CC0902NR Download
File Size   892.48 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors

XC61CC0902NR Datasheet (PDF)

Go To PDF Page Download Datasheet
XC61CC0902NR Datasheet PDF - Torex Semiconductor

Part # XC61CC0902NR
Download  XC61CC0902NR Click to download

File Size   892.48 Kbytes
Page   19 Pages
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor
Description Low Voltage Detectors

XC61CC0902NR Datasheet (HTML) - Torex Semiconductor


XC61CC0902NR Product details

■ GENERAL DESCRIPTION
The XC61C series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser trimming technologies.
Detect voltage is extremely accurate with minimal temperature drift.
Both CMOS and N-channel open drain output configurations are available.

◆ CMOS
◆ Highly Accurate:± 1% (VDF=2.6V~5.0V) ± 2% (VDF=0.8V~6.0V)
◆ Low Power Consumption: 0.7μ A (VIN=1.5V)

■ FEATURES
   Highly Accurate : ± 2%
                               (Low Voltage VD: 0.8V~1.5V)
                               (Standard Voltage VD: 1.6V~6.0V)
                               ± 1%
                               (Standard Voltage VD: 2.6V~5.0V)
   Low Power Consumption : 0.7μ A (TYP.) [VIN=1.5V]
   Detect Voltage Range :0.8V ~ 6.0V in 100mV increments
   Operating Voltage Range :0.7V ~ 6.0V (Low Voltage)
                                              0.7V~ 10.0V (Standard Voltage)
   Detect Voltage Temperature Characteristics
                                            : ± 100ppm/℃ (TYP.) @Ta=25 OC
   Output Configuration : N-channel open drain or CMOS
   Ultra Small Packages : SSOT-24 (150mW)
                                         SOT-23 (250mW)
                                         SOT-25 (250mW)
                                         SOT-89 (500mW)
                                         TO-92 (300mW)
                                         USP-6B (100mW)
                                         USP-6C (100mW)
                                         USP-4 (120mW)

■ APPLICATIONS
● Microprocessor reset circuitry
● Memory battery back-up circuits
● Power-on reset circuits
● Power failure detection
● System battery life and charge voltage monitors




Similar Part No. - XC61CC0902NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC61CC0902NR TOREX-XC61CC0902NR Datasheet
608Kb / 16P
Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)
016
XC61CC0902NR-G TOREX-XC61CC0902NR-G Datasheet
608Kb / 16P
Low Voltage Detectors (VDF= 0.8V~1.5V) Standard Voltage Detectors (VDF 1.6V~6.0V)
016
More results


Similar Description - XC61CC0902NR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
168Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
VOLTAGE DETECTORS
82CXX_1112 UTC-82CXX_1112 Datasheet
396Kb / 20P
VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
Low Voltage Detectors Standard Voltage Detectors
logo
Maxim Integrated Produc...
MAX6806 MAXIM-MAX6806 Datasheet
914Kb / 9P
Voltage Detectors
Rev 3; 7/14
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
VOLTAGE DETECTORS
82NXX UTC-82NXX_15 Datasheet
277Kb / 12P
VOLTAGE DETECTORS
logo
Pericom Semiconductor C...
PT7M6101 PERICOM-PT7M6101 Datasheet
199Kb / 5P
Ultra Low Voltage Detectors
PT7M6832 PERICOM-PT7M6832 Datasheet
428Kb / 12P
Ultra Low Voltage Detectors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com