Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N5486 Datasheet (PDF) - Vishay Siliconix

2N5486 Datasheet PDF - Vishay Siliconix
Part # 2N5486
Download  2N5486 Download
File Size   55.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

2N5486 Datasheet (PDF)

Go To PDF Page Download Datasheet
2N5486 Datasheet PDF - Vishay Siliconix

Part # 2N5486
Download  2N5486 Click to download

File Size   55.77 Kbytes
Page   7 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description N-Channel JFETs

2N5486 Datasheet (HTML) - Vishay Siliconix


2N5486 Product details

DESCRIPTION
The 2N/SST5484 series consists of n-channel JFETs designed to provide high-performance amplification, especially at high frequencies up to and beyond 400 MHz.
The 2N series, TO-226AA (TO-92), and SST series, TO-236 (SOT-23), packages provide low-cost options and are available with tape-and-reel to support automated assembly (see Packaging Information).

FEATURES
● Excellent High-Frequency Gain:
   Gps 13 dB (typ) @ 400 MHz – 5485/6
● Very Low Noise: 2.5 dB (typ) @ 400 MHz – 5485/6
● Very Low Distortion
● High AC/DC Switch Off-Isolation

BENEFITS
● Wideband High Gain
● Very High System Sensitivity
● High Quality of Amplification
● High-Speed Switching Capability
● High Low-Level Signal Amplification

APPLICATIONS
● High-Frequency Amplifier/Mixer
● Oscillator
● Sample-and-Hold
● Very Low Capacitance Switches




Similar Part No. - 2N5486

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5486 ONSEMI-2N5486 Datasheet
278Kb / 8P
JFET VHF/UHF Amplifiers
1997
logo
Fairchild Semiconductor
2N5486 FAIRCHILD-2N5486 Datasheet
196Kb / 2P
SFET RF,VHF, UHF, Amplitiers
2N5486 FAIRCHILD-2N5486 Datasheet
73Kb / 7P
N-Channel RF Amplifier
logo
Calogic, LLC
2N5486 CALOGIC-2N5486 Datasheet
23Kb / 2P
N-Channel JFET High Frequency Amplifier
logo
Micro Electronics
2N5486 MICRO-ELECTRONICS-2N5486 Datasheet
150Kb / 1P
N-CHANNEL JUNCTION FIELD EFFECT TRANSISTORS
More results


Similar Description - 2N5486

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
J105 VISHAY-J105 Datasheet
39Kb / 5P
N-Channel JFETs
04-Jun-01
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
N-Channel JFETs
04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
N-Channel JFETs
24-Jan-05
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
N-Channel JFETs
04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
N-Channel JFETs
24-Jan-05
2N5432 VISHAY-2N5432_07 Datasheet
74Kb / 6P
N-Channel JFETs
04-Jun-01
2N4391 VISHAY-2N4391 Datasheet
82Kb / 7P
N-Channel JFETs
04-Jan-01
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
N-Channel JFETs
04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
N-Channel JFETs
04-Jun-01
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
N-Channel JFETs
28-Jun-04
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com