Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD2202 Datasheet (PDF) - ANADIGICS, Inc

ACD2202 Datasheet PDF - ANADIGICS, Inc
Part # ACD2202
Download  ACD2202 Download
File Size   550.97 Kbytes
Page   24 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description CATV/TV/Video Downconverter with Dual Synthesizer

ACD2202 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACD2202 Datasheet PDF - ANADIGICS, Inc

Part # ACD2202
Download  ACD2202 Click to download

File Size   550.97 Kbytes
Page   24 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description CATV/TV/Video Downconverter with Dual Synthesizer

ACD2202 Datasheet (HTML) - ANADIGICS, Inc


ACD2202 Product details

PRODUCT DESCRIPTION
The ACD2202 uses both GaAs and Si technology to provide the downconverter and dual synthesizer functions in a double conversion tuner gain block, local oscillator, balanced mixer and dual synthesizer. The specifications meet the requirements of CATV/TV/Video and Cable Modem Data applications. The ACD2202 is supplied in a 28 lead SSOP package and requires a single +5 V supply voltage.

FEATURES
• Integrated Downconverter
• Integrated Dual Synthesizer
• 256 QAM Compatibility
• Single +5 V Power Supply Operation
• Low Power Consumption: <0.6 W
• Low Noise Figure: 8 dB
• High Conversion Gain: 10 dB
• Low Distortion: -53 dBc
• Three-Wire Interface
• Small Size
• -40 °C to +85 °C

APPLICATIONS
• Set Top Boxes
• CATV Video Tuners
• Digital TV Tuners
• CATV Data Tuners
• Cable Modems




Similar Part No. - ACD2202

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
ACD2203S8GP0 ANADIGICS-ACD2203S8GP0 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
ACD2203S8GP1 ANADIGICS-ACD2203S8GP1 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
ACD2203S8P0 ANADIGICS-ACD2203S8P0 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
ACD2203S8P1 ANADIGICS-ACD2203S8P1 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
More results


Similar Description - ACD2202

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Toshiba Semiconductor
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
FREQUENCY SYNTHESIZER FOR TV/CATV
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
FREQUENCY SYNTHESIZER FOR TV/CATV
logo
Sanyo Semicon Device
LA7780M SANYO-LA7780M Datasheet
242Kb / 9P
QPSK Downconverter for CATV Systems
logo
ANADIGICS, Inc
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
VHF/UHF CATV/TV Tuner Downconverter
Rev 0
ACD2204 ANADIGICS-ACD2204 Datasheet
350Kb / 20P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev. 1.0
ACD2206 ANADIGICS-ACD2206 Datasheet
464Kb / 20P
CATV/TV/VIDEO DOWNCONVERTER WITH DUAL SYNTHESIZER
Rev. 1.0
ACD2203 ANADIGICS-ACD2203 Datasheet
618Kb / 24P
CATV/TV/Video Downconverter with Dual Synthesizer
Rev 1.3
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com