Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1555 Datasheet (PDF) - Analog Devices

AD1555 Datasheet PDF - Analog Devices
Part # AD1555
Download  AD1555 Download
File Size   429.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit ADC WITH LOW NOISE PGA

AD1555 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1555 Datasheet PDF - Analog Devices

Part # AD1555
Download  AD1555 Click to download

File Size   429.98 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 24-Bit ADC WITH LOW NOISE PGA

AD1555 Datasheet (HTML) - Analog Devices


AD1555 Product details

GENERAL DESCRIPTION

The AD1555 is a complete sigma-delta modulator, combined with a programmable gain amplifier intended for low frequency,high dynamic range measurement applications. The AD1555 outputs a ones-density bitstream proportional to the analog input. When used in conjunction with the AD1556 digital filter/ decimator, a high performance ADC is realized.

FEATURES
AD1555
    Fourth Order Σ-Δ Modulator
    Large Dynamic Range
        116 dB Min, 120 dB Typical @ 1 ms
        117 dB Typical @ 0.5 ms
    Low Input Noise: 80 nV rms @ 4 ms with
        Gain of 34,128
    Low Distortion: –111 dB Max, –120 dB Typical
    Low Intermodulation: 122 dB
    Sampling Rate at 256 kSPS
    Very High Jitter Tolerance
    No External Antialias Filter Required
    Programmable Gain Front End
    Input Range: ±2.25 V
    Robust Inputs
    Gain Settings: 1, 2.5, 8.5, 34, 128
    Common-Mode Rejection (DC to 1 kHz)
        93 dB Min, 101 dB Typical @ Gain of 1
    77 mW Typical Low Power Dissipation
    Standby Modes
AD1556
    FIR Digital Filter/Decimator
    Serial or Parallel Selection of Configuration
    Output Word Rates: 250 SPS to 16 kSPS
    6.2 mW Typ Low Power Dissipation
    70 mW in Standby Mode
    Reference Design and Evaluation Board with
        Software Available

APPLICATIONS
    Seismic Data Acquisition Systems
    Chromatography
    Automatic Test Equipment




Similar Part No. - AD1555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1555/56-REF AD-AD1555/56-REF Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555AP AD-AD1555AP Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555APRL AD-AD1555APRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555BP AD-AD1555BP Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
More results


Similar Description - AD1555

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7190 AD-AD7190 Datasheet
178Kb / 21P
4.8 kHz Ultra-Low Noise 24-Bit Sigma-Delta ADC with PGA
Rev.PrD 7/08
AD7190 AD-AD7190_08 Datasheet
749Kb / 40P
4.8 kHz Ultralow Noise 24-Bit Sigma-Delta ADC with PGA
REV. 0
AD7192 AD-AD7192 Datasheet
711Kb / 40P
4.8 kHz, Ultralow Noise, 24-Bit Sigma-Delta ADC with PGA
REV. A
AD1555APZRL AD-AD1555APZRL Datasheet
435Kb / 24P
24-Bit - ADC with Low Noise PGA
REV. B
AD1555 AD-AD1555_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD1556 AD-AD1556_15 Datasheet
435Kb / 24P
24-Bit ADC with Low Noise PGA
REV. B
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7193 AD-AD7193_17 Datasheet
1Mb / 57P
24-Bit Sigma-Delta ADC with PGA
02-Aug-2017
AD7194 AD-AD7194_17 Datasheet
1Mb / 55P
24-Bit Sigma-Delta ADC with PGA
07-Jul-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com