Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC164 Datasheet (PDF) - Diodes Incorporated

74HC164 Datasheet PDF - Diodes Incorporated
Part # 74HC164
Download  74HC164 Download
File Size   603.59 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS

74HC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC164 Datasheet PDF - Diodes Incorporated

Part # 74HC164
Download  74HC164 Click to download

File Size   603.59 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS

74HC164 Datasheet (HTML) - Diodes Incorporated


74HC164 Product details

Description
The 74HC164 is a serial input 8-bit edge-triggered shift register that has outputs from each of eight stages.

Features
• Wide Supply Voltage Range from 2.0V to 6.0V
• Sinks or Sources 4mA at VCC = 4.5V
• CMOS Low Power Consumption
• Schmitt Trigger Action at all Inputs
• ESD Protection Exceeds JESD 22
    ◾ 200-V Machine Model (A115)
    ◾ 2000-V Human Body Model (A114)
    ◾ Exceeds 1000-V Charged Device Model (C101)
• Range of Package Options SO-14 and TSSOP-14
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)

Applications
• General Purpose Logic
• Wide Array of Products Such as:
    ◾ PCs, Networking, Notebooks, Netbooks
    ◾ Computer Peripherals, Hard Drives, CD/DVD ROM
    ◾ TV, DVD, DVR, Set-Top Box




Similar Part No. - 74HC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164 PHILIPS-74HC164 Datasheet
54Kb / 8P
8-bit serial-in/parallel-out shift register
Rev. 03-4 April 2005
logo
STMicroelectronics
74HC164 STMICROELECTRONICS-74HC164 Datasheet
254Kb / 12P
8 BIT SIPO SHIFT REGISTER
Oct-1992
logo
Texas Instruments
74HC164 TI-74HC164 Datasheet
109Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
System Logic Semiconduc...
74HC164 SLS-74HC164 Datasheet
50Kb / 5P
8-Bit Serial-Input/Parallel-Output8-Bit Serial-Input/Parallel-Output Shift Register
logo
Fairchild Semiconductor
74HC164 FAIRCHILD-74HC164 Datasheet
74Kb / 7P
8-Bit Serial-in/Parallel-out Shift Register
More results


Similar Description - 74HC164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
8-Bit Parallel-Out Serial Shift Registers
SN54HC164 TI1-SN54HC164_16 Datasheet
1Mb / 33P
8-Bit Parallel-Out Serial Shift Registers
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com