Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC573A Datasheet (PDF) - Diodes Incorporated

74LVC573A Datasheet PDF - Diodes Incorporated
Part # 74LVC573A
Download  74LVC573A Download
File Size   479.83 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS

74LVC573A Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC573A Datasheet PDF - Diodes Incorporated

Part # 74LVC573A
Download  74LVC573A Click to download

File Size   479.83 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description OCTAL TRANSPARENT D-TYPE LATCH WITH 3 STATE OUTPUTS

74LVC573A Datasheet (HTML) - Diodes Incorporated


74LVC573A Product details

Description
The 74LVC573A provides eight transparent D-type latches. While the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is taken low, the Q outputs are latched at the logic levels set up at the D inputs. A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or low logic levels) or the high-impedance state. In the highimpedance state, the outputs neither load nor drive the bus lines significantly. The high-impedance state and increased drive provide the capability to drive bus lines without interface or pullup components. OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered while the outputs are in the high-impedance state.

Features
 • Supply Voltage Range from 1.65V to 3.6V
 • Sinks or Sources 24mA at VCC = 3V
 • CMOS Low Power Consumption
 • IOFF Supports Partial-Power Down Operation
 • Inputs or Outputs Accept Up to 5.5V
 • Inputs Can Be Driven by 3.3V or 5V Allowing for Mixed Voltage Applications
 • Schmitt Trigger Action at All Inputs
 • Typical VOLP (Quiet Output Ground Bounce) Less than 0.8V with VCC = 3.3V and TA = +25°C
 • Typical VOHV (Quiet Output Dynamic VOH) Greater than 2.0V with VCC = 3.3V and TA = +25°C
 • ESD Protection Tested per JESD 22
     Exceeds 200-V Machine Model (A115)
     Exceeds 2000-V Human Body Model (A114)
     Exceeds 1000-V Charged Device Model (C101)
 • Latch-Up Exceeds 250mA per JESD 78, Class I
 • All devices are:
    ◾ Totally Lead-Free & Fully RoHS compliant (Notes 1 & 2)
    ◾ Halogen and Antimony Free. “Green” Device (Note 3)

Applications
 • General Purpose Logic
 • Bus Driving
 • Power Down Signal Isolation
 • Wide Array of Products such as:
    ◾ PCs, Notebooks, Netbooks, Ultrabooks
    ◾ Networking Computer Peripherals, Hard Drives, CD/DVD ROM
    ◾ TV, DVD, DVR, Set Top Box




Similar Part No. - 74LVC573A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC573A PHILIPS-74LVC573A Datasheet
102Kb / 12P
Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
logo
STMicroelectronics
74LVC573A STMICROELECTRONICS-74LVC573A Datasheet
272Kb / 13P
OCTAL D-TYPE LATCH HIGH PERFORMANCE
26-Jul-2004
logo
ON Semiconductor
74LVC573A ONSEMI-74LVC573A Datasheet
99Kb / 10P
Low-Voltage CMOS Octal Buffer Flow Through Pinout
September, 2015 ??Rev. 1
logo
Nexperia B.V. All right...
74LVC573A NEXPERIA-74LVC573A Datasheet
274Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
Rev. 8 - 27 August 2021
74LVC573A-Q100 NEXPERIA-74LVC573A-Q100 Datasheet
261Kb / 16P
Octal D-type transparent latch with 5 V tolerant inputs/outputs; 3-state
More results


Similar Description - 74LVC573A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11373 TI-74ACT11373 Datasheet
103Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74ALVCH373 TI-SN74ALVCH373 Datasheet
215Kb / 12P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
DM74AS373 FAIRCHILD-DM74AS373 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
DM74AS573 FAIRCHILD-DM74AS573 Datasheet
58Kb / 6P
Octal D-Type Transparent Latch with 3-STATE Outputs
logo
Texas Instruments
SN74LVC573 TI-SN74LVC573 Datasheet
83Kb / 6P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LV373A-Q1 TI1-SN74LV373A-Q1 Datasheet
215Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
74AC11373 TI1-74AC11373_14 Datasheet
260Kb / 11P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN74LVC573A-Q1 TI1-SN74LVC573A-Q1_15 Datasheet
1Mb / 15P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
SN54HC373-DIE TI1-SN54HC373-DIE Datasheet
114Kb / 5P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
Diodes Incorporated
74LVC373A DIODES-74LVC373A Datasheet
473Kb / 10P
OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
Rev 1
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com