Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8627 Datasheet (PDF) - Analog Devices

AD8627 Datasheet PDF - Analog Devices
Part # AD8627
Download  AD8627 Download
File Size   568.56 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Power Single-Supply JFET Amplifier

AD8627 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8627 Datasheet PDF - Analog Devices

Part # AD8627
Download  AD8627 Click to download

File Size   568.56 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Low Power Single-Supply JFET Amplifier

AD8627 Datasheet (HTML) - Analog Devices


AD8627 Product details

GENERAL DESCRIPTION
The AD862x is a precision JFET input amplifier. It features true single-supply operation, low power consumption, and rail-to-rail output. The outputs remain stable with capacitive loads of over 500 pF; the supply current is less than 630 μA/amp. Applications for the AD862x include photodiode transimpedance amplification, ATE reference level drivers, battery management, both line powered and portable instrumentation, and remote sensor signal conditioning, which includes automotive sensors.

FEATURES
   SC70 package
   Very low IB: 1 pA max
   Single-supply operation: 5 V to 26 V
   Dual-supply operation: ±2.5 V to ±13 V
   Rail-to-rail output
   Low supply current: 630 μA/amp typ
   Low offset voltage: 500 μV max
   Unity gain stable
   No phase reversal

APPLICATIONS
   Photodiode amplifiers
   ATEs
   Line-powered/battery-powered instrumentation
   Industrial controls
   Automotive sensors
   Precision filters
   Audio




Similar Part No. - AD8627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8627 AD-AD8627 Datasheet
290Kb / 20P
Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627 Datasheet
289Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-R2 AD-AD8627AKSZ-R2 Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-R2 AD-AD8627AKSZ-R2 Datasheet
289Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
AD8627AKSZ-REEL AD-AD8627AKSZ-REEL Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
More results


Similar Description - AD8627

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP04 AD-AMP04 Datasheet
511Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV.A
AD8641 AD-AD8641 Datasheet
327Kb / 12P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
AD8641 AD-AD8641_05 Datasheet
383Kb / 16P
Low Power, Rail-to-Rail Output Precision JFET Amplifier
REV. B
logo
Burr-Brown (TI)
OPA234 BURR-BROWN-OPA234 Datasheet
671Kb / 19P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8625 AD-AD8625_13 Datasheet
290Kb / 20P
Precision Low Power Single-Supply JFET Amplifiers
Rev. F
logo
AVAGO TECHNOLOGIES LIMI...
AMP04FSZ AVAGO-AMP04FSZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
logo
Analog Devices
AMP04FPZ AD-AMP04FPZ Datasheet
339Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
AMP04EPZ AD-AMP04EPZ Datasheet
327Kb / 16P
Precision Single Supply Instrumentation Amplifier
REV. B
logo
Texas Instruments
OPA234 TI1-OPA234 Datasheet
1Mb / 23P
Low-Power, Precision SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
logo
Analog Devices
AMP04 AD-AMP04_16 Datasheet
570Kb / 18P
Precision Single Supply Instrumentation Amplifier
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com