Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDMP-1685A Datasheet (PDF) - Agilent(Hewlett-Packard)

HDMP-1685A Datasheet PDF - Agilent(Hewlett-Packard)
Part # HDMP-1685A
Download  HDMP-1685A Download
File Size   265.01 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.25 Gbps Four Channel SerDes with 5-pin DDR SSTL-2 Parallel Interface

HDMP-1685A Datasheet (PDF)

Go To PDF Page Download Datasheet
HDMP-1685A Datasheet PDF - Agilent(Hewlett-Packard)

Part # HDMP-1685A
Download  HDMP-1685A Click to download

File Size   265.01 Kbytes
Page   21 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description 1.25 Gbps Four Channel SerDes with 5-pin DDR SSTL-2 Parallel Interface

HDMP-1685A Datasheet (HTML) - Agilent(Hewlett-Packard)


HDMP-1685A Product details

Functional Description
This data sheet describes HDMP-1685A, a 1.25 Gbps, four-channel, 5-pin per channel parallel interface SERDES device. The HDMP-1685A 5-pin parallel interface device enables a single ASIC to drive twice as many channels using half as many parallel lines. This is accomplished without increasing the clock frequency by utilizing the bandwidth on the parallel interface more efficiently.

Features
• 5-bit wide Tx, Rx bus pairs
• 208-ball, 23 mm TBGA package
• Parallel data I/O and clocks compatible with SSTL_2 (EIA/JESD8-9)
• 125 MHz TC, RC clocks
• One TC clock for 4 channels
• Single or paired RC clocks
• LVTTL RefClk input
• Source synchronous clocking of transmit data
• Source centered clocking of receive data
• Double data rate (DDR) parallel transfers
• Parallel loopback
• Differential BLL serial I/O
• Single +3.3 V power supply
• Copper drive capability

Applications
• High density fast ports
• Fast serial backplanes
• Clusters of computers
• Clusters of network units
• Link aggregation, trunks




Similar Part No. - HDMP-1685A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDMP-1687 HP-HDMP-1687 Datasheet
340Kb / 16P
Four Channel SerDes Circuit for Gigabit Ethernet and Fibre Channel
More results


Similar Description - HDMP-1685A

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S1021C SAMSUNG-KM416S1021C Datasheet
78Kb / 8P
512K x 16Bit x 2 Banks Synchronous DRAM with SSTL interface
logo
Agilent(Hewlett-Packard...
HDMP-2634 HP-HDMP-2634 Datasheet
258Kb / 23P
2.5/1.25 GBd Serdes Circuit
logo
Optoway Technology Inc
PT-7130 OPTOWAY-PT-7130 Datasheet
91Kb / 2P
3.3V / 1.25 Gbps InGaAs PIN-TIA
logo
Vitesse Semiconductor C...
VSC8221 VITESSE-VSC8221 Datasheet
473Kb / 2P
Single Port 10/100/1000BASE-T PHY with 1.25 Gbps SerDes / SGMII for SFPs / GBICs
logo
Unity Opto Technology
MCD-8T4C-323 UOT-MCD-8T4C-323 Datasheet
84Kb / 2P
1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-8T4C-313 UOT-MCD-8T4C-313 Datasheet
84Kb / 2P
1.25 Gbps PIN-TIA (850nm) 3.3V & 5V
MCD-3T4C-323 UOT-MCD-3T4C-323 Datasheet
83Kb / 2P
1.25 Gbps PIN-TIA (1310nm) 3.3V & 5V
logo
Emcore Corporation
MTX9509 EMCORE-MTX9509 Datasheet
272Kb / 3P
12 Channel Parallel Optical TX and RX Modules, 1.25 Gbps per Channel
logo
Texas Instruments
DLKPC192S TI1-DLKPC192S Datasheet
339Kb / 25P
10-Gbps ETHERNET LAN PHYSICAL CODING SUBLAYER (PCS) WITH SSTL XGMII INTERFACE
DS32EL0421SQE TI1-DS32EL0421SQE Datasheet
2Mb / 32P
5-bit DDR LVDS Parallel Data Interface
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com