Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT88RF020 Datasheet (PDF) - ATMEL Corporation

AT88RF020 Datasheet PDF - ATMEL Corporation
Part # AT88RF020
Download  AT88RF020 Download
File Size   194.54 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 13.56 MHz, 2048-bit RFID EEPROM

AT88RF020 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT88RF020 Datasheet PDF - ATMEL Corporation

Part # AT88RF020
Download  AT88RF020 Click to download

File Size   194.54 Kbytes
Page   14 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 13.56 MHz, 2048-bit RFID EEPROM

AT88RF020 Datasheet (HTML) - ATMEL Corporation




Similar Part No. - AT88RF020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
AT88RF020-MR1 ATMEL-AT88RF020-MR1 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
AT88RF020-WA1 ATMEL-AT88RF020-WA1 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
More results


Similar Description - AT88RF020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35101 STMICROELECTRONICS-M35101 Datasheet
30Kb / 2P
Contactless Memory Chip 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
M35102 STMICROELECTRONICS-M35102 Datasheet
30Kb / 2P
Contactless Memory Chip with 64-bit Unique Serial ID 13.56 MHz, 2048-bit High Endurance EEPROM
Oct-1999
logo
Microchip Technology
MCRF450 MICROCHIP-MCRF450 Datasheet
1Mb / 50P
13.56 MHz Read/Write Passive RFID Device
2003
logo
ATMEL Corporation
AT88RF020 ATMEL-AT88RF020_06 Datasheet
330Kb / 14P
13.56 MHz, 2048-bit RFID EEPROM
logo
Texas Instruments
DK-EM2-7960R TI-DK-EM2-7960R Datasheet
158Kb / 3P
13.56 MHz RFID Protocol on Stellaris짰
logo
STMicroelectronics
SRI2K STMICROELECTRONICS-SRI2K Datasheet
816Kb / 45P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
09-Sep-2011
logo
Schneider Electric
XGW4F111 SCHNEIDER-XGW4F111 Datasheet
73Kb / 2P
OsiSense XG RFID Wand reader - 13.56 MHz
Jan 7, 2021
logo
SparkFun Electronics
SEN-10128 SPARKFUN-SEN-10128 Datasheet
147Kb / 1P
RFID Tag ??Transparent MIFARE Classic짰 1K (13.56 MHz)
5??6??7
SEN-10131 SPARKFUN-SEN-10131 Datasheet
114Kb / 1P
RFID Tag ??Laundry MIFARE Classic짰 1K (13.56 MHz)
5??6??7
logo
STMicroelectronics
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com