Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM6382F Datasheet (PDF) - List of Unclassifed Manufacturers

DM6382F Datasheet PDF - List of Unclassifed Manufacturers
Part # DM6382F
Download  DM6382F Download
File Size   341.56 Kbytes
Page   40 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set

DM6382F Datasheet (PDF)

Go To PDF Page Download Datasheet
DM6382F Datasheet PDF - List of Unclassifed Manufacturers

Part # DM6382F
Download  DM6382F Click to download

File Size   341.56 Kbytes
Page   40 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description V.34 Integrated Data/ Fax/Voice/Speakerphone Modem Device Set

DM6382F Datasheet (HTML) - List of Unclassifed Manufacturers


DM6382F Product details

[Davicom]



General Description

The DM336P integrated modem is a four chipset design that provides a complete solution for state-of the-art, voice-band Plain Old Telephone Service (POTS) communication. The modem provides for Data (up to 33,600bps), Fax (up to 14,400bps), Voice and Full Duplex Speaker-phone functions to comply with various international standards.



Features

• Compatibility

   - ITU-T V.34 (33600 to 2400 bps)

   - CCITT V.32bis (14400, 12000, 9600, 7200, 4800bps)

   - CCITT V.32 (9600, 7200, 4800bps)

   - CCITT V.22bis (2400, 1200bps)

   - CCITT V.22 (1200bps)

   - CCITT V.23 (1200/75bps)

   - Bell 212A (1200bps)

   - Bell 103 (300bps)

   - CCITT V.17 (14400, 12000, 7200bps)

   - CCITT V.29 (9600, 7200bps)

   - CCITT V.27ter (4800, 2400bps)

   - CCITT V.21 Channel 2 (300bps)

• Data Error Correction

   - MNP Class 2, 3 & 4

   - CCITT V.42 LAMP

• Data Compression

   - MNP Class5

   - CCITT V.42bis

   - Voice compression

   - 2 and 4 bit ADPCM voice compression

• DTE Interface

   - DTE speed up to 115200bps

   - Serial V.24 (EIA-232-D)

• Enhanced “AT” command set and S registers

• Caller identification (Caller ID) support

• Full duplex speakerphone (Telephone Emulation)

• 16 Bits over-sampling codec

• Selectable world wide call progress tone detection

• Compromise and adaptive equalizer providing channel impairment compensation

• The channel impairment compensation

• Plug and Play (PnP) support

• Integrated UART 16550

• Enhanced 8031 compatible micro-controller

• 8 selectable interrupts

• Parallel and serial interfaces supported

   - 6-, 7- and 8- bit character support

   - Even, odd, mark and none parity detection and generation

   - 1 and 2 stop bit support

   - Auto DTE data speed detection through ”AT”

• Access up to 128K bytes external program memory

• Access up to 64K bytes external data memory

• NVRAM to store two user configurable, switchable profiles and three programmable telephone numbers

• Full duplex data mode test capabilities

   - Analog loop test



 




Similar Part No. - DM6382F

ManufacturerPart #DatasheetDescription
logo
Silicon Touch Technolog...
DM631 SITI-DM631 Datasheet
500Kb / 24P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
logo
List of Unclassifed Man...
DM6310P ETC-DM6310P Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
DM6312P ETC-DM6312P Datasheet
34Mb / 42P
MAGNETIC POWDER CORES
Ver.12
logo
Silicon Touch Technolog...
DM631B SITI-DM631B Datasheet
920Kb / 31P
Maximum output voltage: 17V
DM632 SITI-DM632 Datasheet
551Kb / 25P
16-CHANNEL CONSTANT CURRENT LED DRIVER WITH PROGRAMMABLE PWM OUTPUTS
More results


Similar Description - DM6382F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM562AP ETC1-DM562AP Datasheet
489Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
RCV336DPEL ETC1-RCV336DPEL Datasheet
1Mb / 17P
V.34 Data V.17 Fax, AudioSpan, Voice, Speakerphone, Modem Data Pump
RCV336DPI ETC1-RCV336DPI Datasheet
992Kb / 14P
V.34 Data V.17 Fax, Modem Data Pump
RC288ACL ETC1-RC288ACL Datasheet
5Mb / 69P
Intergrated V.34 Data/V.17 Fax/Voice Modem Device Set Family
RC288DPL ETC1-RC288DPL Datasheet
3Mb / 46P
V.34 Data/V.17 Fax/Voice Modem Data Pumps
DM560P ETC1-DM560P Datasheet
242Kb / 43P
V.90 Integrated Data/Fax/Voice/Speakerphone Modem Device Set
RC96V24DP ETC2-RC96V24DP Datasheet
1Mb / 34P
Single Device Data/Fax Modem Data Pump
logo
Davicom Semiconductor, ...
DM562AP DAVICOM-DM562AP_07 Datasheet
1Mb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P_04 Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
DM562P DAVICOM-DM562P Datasheet
1,001Kb / 48P
V.90 Integrated Data/ Fax/Voice/Speakerphone
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com