Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM24CL16 Datasheet (PDF) - List of Unclassifed Manufacturers

FM24CL16 Datasheet PDF - List of Unclassifed Manufacturers
Part # FM24CL16
Download  FM24CL16 Download
File Size   90.21 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16Kb FRAM Serial 3V Memory

FM24CL16 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM24CL16 Datasheet PDF - List of Unclassifed Manufacturers

Part # FM24CL16
Download  FM24CL16 Click to download

File Size   90.21 Kbytes
Page   13 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16Kb FRAM Serial 3V Memory

FM24CL16 Datasheet (HTML) - List of Unclassifed Manufacturers


FM24CL16 Product details

[RAMTRON]



Description

The FM24CL16 is a 16-kilobit nonvolatile memory employing an advanced ferroelectric process. A ferroelectric random access memory or FRAM is nonvolatile and performs reads and writes like a RAM. It provides reliable data retention for over 10 years while eliminating the complexities, overhead, and system level reliability problems caused by EEPROM and other nonvolatile memories.



Features

16K bit Ferroelectric Nonvolatile RAM

• Organized as 2,048 x 8 bits

• Unlimited Read/Write Cycles

• 10 year Data Retention

• NoDelay™ Writes

• Advanced High-Reliability Ferroelectric Process



Fast Two-wire Serial Interface

• Up to 1MHz maximum bus frequency

• Direct hardware replacement for EEPROM



Low Power Operation

• New 2.7 - 3.6V operation

• 75 µA Active Current (100 kHz) @ 3V

• 1 µA Standby Current



Industry Standard Configuration

• Industrial Temperature -40° C to +85° C

• 8-pin SOIC

• New “Green” 8-pin SOIC Package



 




Similar Part No. - FM24CL16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM24CL16 RAMTRON-FM24CL16 Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM24CL16-DG RAMTRON-FM24CL16-DG Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM24CL16-G RAMTRON-FM24CL16-G Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM24CL16-S RAMTRON-FM24CL16-S Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
16Kb Serial 3V F-RAM Memory
More results


Similar Description - FM24CL16

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25CL64 RAMTRON-FM25CL64 Datasheet
131Kb / 13P
64Kb FRAM Serial 3V Memory
logo
List of Unclassifed Man...
FM25160 ETC-FM25160 Datasheet
638Kb / 14P
16Kb FRAM Serial Memory
FM25L16 ETC-FM25L16 Datasheet
149Kb / 14P
16Kb FRAM Serial 3V Memory
FM24C16A ETC1-FM24C16A Datasheet
93Kb / 13P
16Kb FRAM Serial Memory
FM25C160 ETC1-FM25C160 Datasheet
154Kb / 14P
16Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C16A RAMTRON-FM24C16A_05 Datasheet
93Kb / 12P
16Kb FRAM Serial Memory
FM24CL16 RAMTRON-FM24CL16_05 Datasheet
107Kb / 13P
16Kb FRAM Se rial 3V Memory
FM25L512 RAMTRON-FM25L512 Datasheet
163Kb / 13P
512Kb FRAM Serial 3V Memory
FM25L16 RAMTRON-FM25L16_06 Datasheet
146Kb / 14P
16Kb FRAM Serial 3V Memory
FM25C160 RAMTRON-FM25C160 Datasheet
149Kb / 13P
16Kb FRAM Serial Memory
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com