Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB420 Datasheet (PDF) - Vishay Siliconix

GSIB420 Datasheet PDF - Vishay Siliconix
Part # GSIB420
Download  GSIB420 Download
File Size   55.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Phase Single In-Line Bridge Rectifier

GSIB420 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSIB420 Datasheet PDF - Vishay Siliconix

Part # GSIB420
Download  GSIB420 Click to download

File Size   55.07 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Phase Single In-Line Bridge Rectifier

GSIB420 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - GSIB420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
logo
Gulf Semiconductor
GSIB420 GULFSEMI-GSIB420 Datasheet
144Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 4.0A
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
More results


Similar Description - GSIB420

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSIB620 VISHAY-VSIB620 Datasheet
202Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
20-Jul-05
logo
TAITRON Components Inco...
KBPC40-005S TAITRON-KBPC40-005S Datasheet
152Kb / 4P
40A Single-Phase in-line Bridge Rectifier
KBPC50-005S TAITRON-KBPC50-005S Datasheet
150Kb / 4P
50A Single-Phase in-line Bridge Rectifier
logo
Vishay Siliconix
GSIB420 VISHAY-GSIB420_08 Datasheet
123Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
31-Jan-08
GSIB2520 VISHAY-GSIB2520_08 Datasheet
103Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB4A20 VISHAY-VSIB4A20 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
VSIB10A20 VISHAY-VSIB10A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB420 VISHAY-VSIB420 Datasheet
101Kb / 4P
Single-Phase Single In-Line Bridge Rectifier
14-Jul-09
GBUE2560 VISHAY-GBUE2560 Datasheet
100Kb / 5P
Single-Phase Single In-Line Bridge Rectifier
18-Oct-17
GBUE2560 VISHAY-GBUE2560_V01 Datasheet
143Kb / 5P
Low VF Single-Phase Single In-Line Bridge Rectifier
08-Jun-2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com