Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB2020 Datasheet (PDF) - Vishay Siliconix

GSIB2020 Datasheet PDF - Vishay Siliconix
Part # GSIB2020
Download  GSIB2020 Download
File Size   55.79 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Phase Single In-Line Bridge Rectifiers

GSIB2020 Datasheet (PDF)

Go To PDF Page Download Datasheet
GSIB2020 Datasheet PDF - Vishay Siliconix

Part # GSIB2020
Download  GSIB2020 Click to download

File Size   55.79 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single-Phase Single In-Line Bridge Rectifiers

GSIB2020 Datasheet (HTML) - Vishay Siliconix


GSIB2020 Product details

Features

• Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

• This series is UL listed under the Recognized

   Component Index, file number E54214.

• High case dielectric strength of 2500 VRMS

• Ideal for printed circuit boards

• Glass passivated chip junction

• High surge current capability

• High temperature soldering guaranteed:

260°C/10 seconds, 0.375 (9.5mm) lead length,

5lbs. (2.3kg) tension




Similar Part No. - GSIB2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2020 VISHAY-GSIB2020 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
logo
Gulf Semiconductor
GSIB2020 GULFSEMI-GSIB2020 Datasheet
142Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 20.0A
logo
Vishay Siliconix
GSIB2020 VISHAY-GSIB2020 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2020-E3/45 VISHAY-GSIB2020-E3/45 Datasheet
64Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
GSIB2020N VISHAY-GSIB2020N Datasheet
63Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
More results


Similar Description - GSIB2020

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB2520 VISHAY-GSIB2520 Datasheet
55Kb / 2P
Single-Phase Single In-Line Bridge Rectifiers
1-Dec-03
GSIB620 VISHAY-GSIB620_08 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
VSIB6A20 VISHAY-VSIB6A20 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
VSIB1520 VISHAY-VSIB1520 Datasheet
95Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Dec-08
GSIB1520N VISHAY-GSIB1520N Datasheet
90Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
15-Aug-11
GSIB25XX VISHAY-GSIB25XX Datasheet
83Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
16-Aug-13
LVB1560 VISHAY-LVB1560_13 Datasheet
69Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Jun-13
GSIB2020 VISHAY-GSIB2020_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB2520N VISHAY-GSIB2520N_V01 Datasheet
92Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620N VISHAY-GSIB620N_V01 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com