Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX11254 Datasheet (PDF) - Maxim Integrated Products

MAX11254 Datasheet PDF - Maxim Integrated Products
Part # MAX11254
Download  MAX11254 Download
File Size   1133.41 Kbytes
Page   51 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Longer Battery Life for Portable Applications

MAX11254 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX11254 Datasheet PDF - Maxim Integrated Products

Part # MAX11254
Download  MAX11254 Click to download

File Size   1133.41 Kbytes
Page   51 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Longer Battery Life for Portable Applications

MAX11254 Datasheet (HTML) - Maxim Integrated Products


MAX11254 Product details

General Description
The MAX11254 is a 6-channel, 24-bit delta-sigma ADC that achieves exceptional performance while consuming very low power. Sample rates up to 64ksps allow precision DC measurements. The MAX11254 communicates via a SPI serial interface and is available in a small (5mm x 5mm) TQFN package.

Benefts and Features
● High Resolution for Industrial Applications that Require a Wide Dynamic Range
    • 133dB SNR at 50sps
    • 124dB SNR at 1000sps
● Longer Battery Life for Portable Applications
    • 2.2mA Operating Mode Current
    • 1μA Sleep Current
● Single or Split Analog Supplies Provide Input Voltage Range Flexibility
    • 2.7V to 3.6V (Single Supply) or ±1.8V (Split Supply)
● Enables System Integration
    • Low Noise, 6.2nV/√Hz PGA with Gains of 1, 2, 4, 8, 16, 32, 64, 128
    • 6-Channel, Fully Differential Input
● Enables On-Demand Device and System Gain and Offset Calibration
    • User-Programmable Offset and Gain Registers
● Robust Performance in a Small Package
    • -40°C to +125°C Operating Temperature Range
    • TQFN Package, 5mm x 5mm

Applications
● Analog I/O for Programmable Logic Controllers
● Weigh Scales
● Pressure Sensors
● Battery-Powered Instrumentation




Similar Part No. - MAX11254

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11254 MAXIM-MAX11254 Datasheet
4Mb / 36P
High-Speed USB Connector, FMC Connector, and Pmod-Style Connector
Rev 2; 4/18
MAX11254ATJ+ MAXIM-MAX11254ATJ+ Datasheet
1Mb / 51P
24-Bit, 6-Channel, 64ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with SPI Interface
2018
MAX11254ATJ+T MAXIM-MAX11254ATJ+T Datasheet
1Mb / 51P
24-Bit, 6-Channel, 64ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with SPI Interface
2018
MAX11254ATJ/V+ MAXIM-MAX11254ATJ/V+ Datasheet
1Mb / 51P
24-Bit, 6-Channel, 64ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with SPI Interface
2018
MAX11254ATJ/V+T MAXIM-MAX11254ATJ/V+T Datasheet
1Mb / 51P
24-Bit, 6-Channel, 64ksps, 6.2nV/?숰z PGA, Delta-Sigma ADC with SPI Interface
2018
More results


Similar Description - MAX11254

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ26231 TI-BQ26231 Datasheet
232Kb / 18P
LOW COST BATTERY COULOMB COUNTER FOR EMBEDDED PORTABLE APPLICATIONS
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analog Technol...
AAT2556 AAT-AAT2556 Datasheet
2Mb / 29P
Battery Charger and Step-Down Converter for Portable Applications
2556.2006.09.1.2
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
Battery Charger and Step-Down Converter for Portable Applications
logo
Texas Instruments
TMS320C55X TI1-TMS320C55X_14 Datasheet
88Kb / 3P
Extend Battery Life in Portable Applications with the TMS320C55x??Power Optimization DSP Starter
logo
Maxim Integrated Produc...
MAX11253 MAXIM-MAX11253 Datasheet
1Mb / 51P
Longer Battery Life for Portable Applications
Rev 0; 6/15
logo
Analog Devices
UG-065 AD-UG-065 Datasheet
524Kb / 12P
Battery-powered for portable applications
Rev. A
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-5-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-5-0 Datasheet
44Kb / 2P
For mobile applications with a longer range
logo
TOKYO SEIMITSU CO., LTD
FTB ACCRETECH-FTB Datasheet
373Kb / 2P
Higher speed and longer life
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com