Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0141CS Datasheet (PDF) - ON Semiconductor

AR0141CS Datasheet PDF - ON Semiconductor
Part # AR0141CS
Download  AR0141CS Download
File Size   2381.65 Kbytes
Page   64 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/4-Inch Digital Image Sensor

AR0141CS Datasheet (PDF)

Go To PDF Page Download Datasheet
AR0141CS Datasheet PDF - ON Semiconductor

Part # AR0141CS
Download  AR0141CS Click to download

File Size   2381.65 Kbytes
Page   64 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 1/4-Inch Digital Image Sensor

AR0141CS Datasheet (HTML) - ON Semiconductor


AR0141CS Product details

Description
The ON Semiconductor AR0141CS is a 1/4−inch CMOS digital image sensor with an active−pixel array of 1280 H x 800 V. It captures images in linear mode, with a rolling−shutter readout. It includes sophisticated camera functions such as in−pixel binning, windowing and both video and single frame modes. It is designed for low light scene performance. It is programmable through a simple two−wire serial interface. The AR0141CS produces extraordinarily clear, sharp digital pictures, and its ability to capture both continuous video and single frames makes it the perfect choice for a wide range of applications, including surveillance and HD video.

Features
• Superior Low-light Performance
• Latest 3.0 m Pixel with ON Semiconductor
   DR−Pix Technology
• Linear Range Capture
• 1.0 Mp and 720p (16:9) Images
• Support for External Mechanical Shutter
• Support for External LED or Xenon Flash
• On−chip Phase−locked Loop (PLL)
   Oscillator
• Integrated Position−based Color and Lens
   Shading Correction
• Slave Mode for Precise Frame−rate Control
• Stereo/3D Camera Support
• Statistics Engine
• Data Interfaces: Four−lane Serial
   High−speed Pixel Interface (HiSPi)
   Differential signaling (SLVS and HiVCM),
   or Parallel
• Auto Black Level Calibration
• High−speed Context Switching
• Temperature Sensor

Applications
• Video Surveillance
• Scanning
• Industrial
• Stereo Vision
• 720p60 Video Applications




Similar Part No. - AR0141CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0141CS ONSEMI-AR0141CS Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DP ONSEMI-AR0141CS2C00SUEA0-DP Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0141CS2C00SUEA0-DR ONSEMI-AR0141CS2C00SUEA0-DR Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
More results


Similar Description - AR0141CS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT9V011 MICRON-MT9V011 Datasheet
537Kb / 33P
1/4-INCH VGA CMOS ACTIVE-PIXEL DIGITAL IMAGE SENSOR
MT9E001 MICRON-MT9E001 Datasheet
1Mb / 97P
1/2.5-Inch CMOS Digital Image Sensor
logo
ON Semiconductor
AR0141 ONSEMI-AR0141 Datasheet
1Mb / 63P
Inch Digital Image Sensor
Rev. D Pub. 6/15 EN
AR0130CS ONSEMI-AR0130CS_16 Datasheet
1Mb / 49P
1/3-Inch CMOS Digital Image Sensor
Rev. 12, 1/16 EN
MT9M021-31 ONSEMI-MT9M021-31 Datasheet
873Kb / 34P
1/3-Inch CMOS Digital Image Sensor
Rev. G Pub. 4/15 EN
MT9M034 ONSEMI-MT9M034_16 Datasheet
1Mb / 53P
1/3-Inch CMOS Digital Image Sensor
Rev. 8, 2/16 EN
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0543 ONSEMI-AR0543 Datasheet
1Mb / 74P
1/4-Inch 5 Mp CMOS Digital Image Sensor
Rev. F Pub. 5/15 EN
MT9M034 ONSEMI-MT9M034_17 Datasheet
358Kb / 39P
1/3-Inch CMOS Digital Image Sensor
May, 2017 ??Rev. 9
AR0132AT ONSEMI-AR0132AT Datasheet
1Mb / 56P
1/3-Inch CMOS Digital Image Sensor
Rev. 9, 2/16 EN
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com