Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IW4013B Datasheet (PDF) - Integral Corp.

IW4013B Datasheet PDF - Integral Corp.
Part # IW4013B
Download  IW4013B Download
File Size   177.64 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual D Flip-Flop High-Voltage Silicon-Gate CMOS

IW4013B Datasheet (PDF)

Go To PDF Page Download Datasheet
IW4013B Datasheet PDF - Integral Corp.

Part # IW4013B
Download  IW4013B Click to download

File Size   177.64 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Dual D Flip-Flop High-Voltage Silicon-Gate CMOS

IW4013B Datasheet (HTML) - Integral Corp.


IW4013B Product details

The IW4013B consists of two identical, independent data-type flip flops. Each flip-flop has independent data, set, reset, and clock inputs and Q and Q outputs. These devices can be used for shift register applications, and, by connecting Q output to the data input, for counter and toggle applications. The logic level present at the D input is transferred to the Q output during the positive-going transition of the clock pulse. Setting or resetting is independent of the clock and is accomplished by a high level on the set or reset line, respectively.



• Operating Voltage Range: 3.0 to 18 V

• Maximum input current of 1 µA at 18 V over full package temperature range; 100 nA at 18 V and 25°C

• Noise margin (over full package temperature range):

  1.0 V min @ 5.0 V supply

  2.0 V min @ 10.0 V supply

  2.5 V min @ 15.0 V supply




Similar Part No. - IW4013B

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
consists of two identical, independent data-type flip-flops
logo
IK Semicon Co., Ltd
IW4013B IKSEMICON-IW4013B Datasheet
184Kb / 6P
Operating Voltage Range
More results


Similar Description - IW4013B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT74 SLS-SL74HCT74 Datasheet
51Kb / 5P
Dual D Flip-Flop with Set and Reset(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74AC74 INTEGRAL-IN74AC74 Datasheet
165Kb / 5P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74HC74 INTEGRAL-IN74HC74 Datasheet
100Kb / 5P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74HCT74A INTEGRAL-IN74HCT74A Datasheet
100Kb / 5P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC74 KODENSHI-KK74AC74 Datasheet
322Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74ACT74 KODENSHI-KK74ACT74 Datasheet
318Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
KK74HCT74A KODENSHI-KK74HCT74A Datasheet
241Kb / 6P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4098B IKSEMICON-IW4098B Datasheet
195Kb / 7P
Two Multivibrators (flip-flop) High-Voltage Silicon-Gate CMOS
IN74HCT74A IKSEMICON-IN74HCT74A Datasheet
228Kb / 6P
Dual D Flip-Flop with Set and Reset High-Performance Silicon-Gate CMOS
IN74AC74 IKSEMICON-IN74AC74 Datasheet
225Kb / 6P
Dual D Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com