Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1253 Datasheet (PDF) - Maxim Integrated Products

MAX1253 Datasheet PDF - Maxim Integrated Products
Part # MAX1253
Download  MAX1253 Download
File Size   439.38 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor

MAX1253 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1253 Datasheet PDF - Maxim Integrated Products

Part # MAX1253
Download  MAX1253 Click to download

File Size   439.38 Kbytes
Page   29 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Stand-Alone, 10-Channel, 12-Bit System Monitors with Internal Temperature Sensor and VDD Monitor

MAX1253 Datasheet (HTML) - Maxim Integrated Products


MAX1253 Product details

General Description
The MAX1253/MAX1254 are stand-alone, 10-channel (8 external, 2 internal) 12-bit system monitor ADCs with internal reference. A programmable single-ended/differential mux accepts voltage and remote-diode temperature-sensor inputs. These devices independently monitor the input channels without microprocessor interaction and generate an interrupt when any variable exceeds user-defined limits. The MAX1253/MAX1254 configure both high and low limits, as well as the number of fault cycles allowed, before generating an interrupt. These ADCs can also perform recursive data averaging for noise reduction. Programmable wait intervals between conversion sequences allow the selection of the sample rate.

Features
♦ Monitor 10 Signals Without Processor Intervention
♦ Eight External Channels Programmable as Temperature or Voltage Monitors
♦ Intelligent Circuitry for Reliable Autonomous Measurement
    Programmable Digital Averaging Filter
    Programmable Fault Counter
♦ Precision Measurements
    12-Bit Resolution
    ±1 LSB INL, ±1 LSB DNL
    ±0.75°C Temperature Accuracy (typ)
♦ Flexible
    Automatic Channel Scan Sequencer with
    Programmable Intervals
    Programmable Inputs: Single Ended/Differential, Voltage/Temperature
    Programmable Wait State
♦ Internal 2.5V/4.096V Reference (MAX1253/MAX1254)
♦ Remote Temperature Sensing Up to 10m (Differential Mode)
♦ Single 3V or 5V Supply Operation
♦ Small 16-Pin TSSOP Package

Applications
    System Supervision
    Remote Telecom Networks
    Server Farms
    Remote Data Loggers




Similar Part No. - MAX1253

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX125 MAXIM-MAX125 Datasheet
122Kb / 16P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
19-1072; Rev 2; 5/98
MAX125 MAXIM-MAX125 Datasheet
636Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 2; 6/07
MAX125 MAXIM-MAX125 Datasheet
379Kb / 15P
2x4-Channel, Simultaneous-Sampling 14-Bit DAS
Rev 3; 7/08
MAX125 MAXIM-MAX125 Datasheet
276Kb / 20P
Complete Evaluation System Samples to 40ksps
Rev 0; 10/97
MAX12527 MAXIM-MAX12527 Datasheet
649Kb / 28P
Dual, 65Msps, 12-Bit, IF/Baseband ADC
Rev 0; 2/05
More results


Similar Description - MAX1253

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB8517 PHILIPS-PCB8517 Datasheet
740Kb / 24P
Stand-alone OSD for monitor applications
1997 Mar 03
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153 Datasheet
481Kb / 29P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
logo
National Semiconductor ...
ADC128D818 NSC-ADC128D818 Datasheet
775Kb / 38P
12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
logo
Maxim Integrated Produc...
MAX1153 MAXIM-MAX1153_10 Datasheet
474Kb / 30P
Stand-Alone, 10-Channel, 10-Bit System Monitors with Internal Temperature Sensor and VDD Monitor
Rev 1; 6/10
logo
Texas Instruments
ADC128D818CIMT-NOPB TI-ADC128D818CIMT-NOPB Datasheet
1Mb / 40P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor, Internal/External Reference, and I2C Interface
ADS8028 TI1-ADS8028_14 Datasheet
849Kb / 35P
12-Bit, 1-MSPS, 8-Channel, SAR ADC with Internal Reference and Internal Temperature Sensor
ADC128D818 TI1-ADC128D818_14 Datasheet
1Mb / 41P
ADC128D818 12-Bit, 8-Channel, ADC System Monitor with Temperature Sensor Internal/External Reference, and I2C Interface
logo
Analog Devices
AD7292 AD-AD7292 Datasheet
734Kb / 41P
10-Bit Monitor and Control System with ADC,DACs, Temperature Sensor, and GPIOs
23-Feb-2017
AD7294 AD-AD7294_17 Datasheet
1Mb / 48P
12-Bit Monitor and Control System with Multichannel
29-Nov-2017
AD7294-2 AD-AD7294-2 Datasheet
1,006Kb / 45P
12-Bit Monitor and Control System
23-Feb-2017
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com