Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6846 Datasheet (PDF) - Maxim Integrated Products

MAX6846 Datasheet PDF - Maxim Integrated Products
Part # MAX6846
Download  MAX6846 Download
File Size   191.68 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset

MAX6846 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6846 Datasheet PDF - Maxim Integrated Products

Part # MAX6846
Download  MAX6846 Click to download

File Size   191.68 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated UP Reset

MAX6846 Datasheet (HTML) - Maxim Integrated Products


MAX6846 Product details

General Description

The MAX6846–MAX6849 are a family of ultra-low-power battery monitors with integrated microprocessor (µP)

supervisors. The user-adjustable battery monitors are offered with single or dual low-battery output options that

can be used to signal when the battery is OK (enabling full system operation), when the battery is low (for low

power system operation), and when the battery is dead (to disable system operation). These devices also have

an independent µP supervisor that monitors VCC and provides an active-low reset output. A manual reset function is available to reset the µP with a pushbutton.



Features

♦User-Adjustable Thresholds for Monitoring Single-Cell Li+ or Multicell Alkaline/NiCd/NiMH Applications

♦Single and Dual Low-Battery Output Options

♦Independent µP Reset with Manual Reset

♦Factory-Set Reset Thresholds for Monitoring 1.8V to 3.3V Systems

♦Available with 150ms (min) or 1.2s (min) VCC Reset Timeout Period Options

♦150ms (min) LBOTimeout Period

♦Immune to Short-Battery Voltage Transients

♦Low Current (2.5µA, typ at 3.6V)

♦-40°C to +85°C Operating Temperature Range

♦Small 8-Pin SOT23 Packages



Applications

Battery-Powered Systems (Single-Cell Li+ or

Multicell NiMH, NiCd, Alkaline)

Cell Phones/Cordless Phones

Portable Medical Devices

Digital Cameras

Pagers

PDAs

MP3 Players

Electronic Toys




Similar Part No. - MAX6846

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6846KA MAXIM-MAX6846KA Datasheet
257Kb / 12P
Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
More results


Similar Description - MAX6846

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TCM809 TELCOM-TCM809 Datasheet
60Kb / 4P
3-PIN UP RESET MONITORS
logo
Maxim Integrated Produc...
MAX6301 MAXIM-MAX6301 Datasheet
102Kb / 12P
5V, Low-Power uP Supervisory Circuits with Adjustable Reset/Watchdog
19-1078; Rev 0; 6/96
MAX6427 MAXIM-MAX6427 Datasheet
319Kb / 20P
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 1; 9/03
MAX6439 MAXIM-MAX6439 Datasheet
235Kb / 14P
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated uP Reset
Rev 0; 7/02
MAX6427 MAXIM-MAX6427_05 Datasheet
379Kb / 20P
Low-Power, Single/Dual-Level Battery Monitors with Hysteresis
Rev 2; 12/05
MAX6846 MAXIM-MAX6846_05 Datasheet
257Kb / 12P
Low-Power, Adjustable Battery Monitors with Hysteresis and Integrated uP Reset
19-2947; Rev 1; 11/05
logo
Micrel Semiconductor
MIC841 MICREL-MIC841_11 Datasheet
320Kb / 8P
Comparator with 1.25% Reference and Adjustable Hysteresis
MIC841 MICREL-MIC841_15 Datasheet
850Kb / 11P
Comparator with 1.25% Reference and Adjustable Hysteresis
logo
Shanghai Consonance Ele...
CN302 CONSONANCE-CN302 Datasheet
220Kb / 9P
Low Power Battery Monitor with Hysteresis Control
logo
Maxim Integrated Produc...
MAX6439 MAXIM-MAX6439_V01 Datasheet
256Kb / 14P
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated 關P Reset
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com