Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1057 Datasheet (PDF) - Maxim Integrated Products

MAX1057 Datasheet PDF - Maxim Integrated Products
Part # MAX1057
Download  MAX1057 Download
File Size   1410.37 Kbytes
Page   47 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports

MAX1057 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1057 Datasheet PDF - Maxim Integrated Products

Part # MAX1057
Download  MAX1057 Click to download

File Size   1410.37 Kbytes
Page   47 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports

MAX1057 Datasheet (HTML) - Maxim Integrated Products


MAX1057 Product details

General Description
The MAX1020–MAX1023/MAX1057/MAX1058 integrate a multichannel, 10-bit, analog-to-digital converter (ADC) and an octal, 10-bit, digital-to-analog converter (DAC) in a single IC. These devices also include a temperature sensor and configurable general-purpose I/O ports (GPIOs) with a 25MHz SPI™-/QSPI™-/MICROWIRE™-compatible serial interface. The ADC is available in 8/12/16 inputchannel versions. The octal DAC outputs settle within 2.0µs, and the ADC has a 300ksps conversion rate.

Features
♦ 10-Bit, 300ksps ADC
    Analog Multiplexer with True-Differential Track/Hold (T/H)
    16 Single-Ended Channels or 8 Differential Channels (Unipolar or Bipolar)
    12 Single-Ended Channels or 6 Differential Channels (Unipolar or Bipolar)
    8 Single-Ended Channels or 4 Differential Channels (Unipolar or Bipolar)
    Excellent Accuracy: ±0.5 LSB INL, ±0.5 LSB DNL
♦ 10-Bit, Octal, 2µs Settling DAC
    Ultra-Low Glitch Energy (4nV•s)
    Power-Up Options from Zero Scale or Full Scale
    Excellent Accuracy: ±1 LSB INL
♦ Internal Reference or External Single-Ended/ Differential Reference
    Internal Reference Voltage 2.5V or 4.096V
♦ Internal ±1°C Accurate Temperature Sensor
♦ On-Chip FIFO Capable of Storing 16 ADC Conversion Results and One Temperature Result
♦ On-Chip Channel-Scan Mode and Internal Data-Averaging Features
♦ Analog Single-Supply Operation +2.7V to +3.6V or +4.75V to +5.25V
♦ 25MHz, SPI/QSPI/MICROWIRE Serial Interface
♦ AutoShutdown Between Conversions
♦ Low-Power ADC
    2.5mA at 300ksps
    22µA at 1ksps
    0.2µA at Shutdown
♦ Low-Power DAC: 1.5µA
♦ Evaluation Kit Available (Order MAX1258EVKIT)

Applications
    Controls for Optical Components
    Base-Station Control Loops
    System Supervision and Control
    Data-Acquisition Systems




Similar Part No. - MAX1057

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1057BETM MAXIM-MAX1057BETM Datasheet
612Kb / 44P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
More results


Similar Description - MAX1057

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1040 MAXIM-MAX1040 Datasheet
621Kb / 44P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 8/04
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1040 MAXIM-MAX1040_08 Datasheet
406Kb / 39P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1020 MAXIM-MAX1020_12 Datasheet
612Kb / 44P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 5; 2/12
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1021 MAXIM-MAX1021 Datasheet
593Kb / 40P
10-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 3/08
logo
Texas Instruments
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com