Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2142 Datasheet (PDF) - Micrel Semiconductor

MIC2142 Datasheet PDF - Micrel Semiconductor
Part # MIC2142
Download  MIC2142 Download
File Size   137.53 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micropower Boost Converter

MIC2142 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2142 Datasheet PDF - Micrel Semiconductor

Part # MIC2142
Download  MIC2142 Click to download

File Size   137.53 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Micropower Boost Converter

MIC2142 Datasheet (HTML) - Micrel Semiconductor


MIC2142 Product details

General Description
The MIC2142 is a micropower boost switching regulator housed in a SOT23-5 package. The input voltage range is between 2.2V to 16V, making the device suitable for one-cell Li Ion and 3 to 4-cell alkaline/NiCad/NiMH applications. The output voltage of the MIC2142 can be adjusted up to 22V.

Features
• 2.2V to 16V input voltage
• Up to 22V output voltage
• 330kHz switching frequency
• 0.1µA shutdown current
• 85µA quiescent current
• Implements low-power boost, SEPIC, or flyback
• SOT23-5 package

Applications
• LCD bias supply
• White LED driver
• 12V Flash memory supply
• Local 3V to 5V conversion




Similar Part No. - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142 Datasheet
418Kb / 17P
Micropower Boost Converter
MIC2142BM5 MICREL-MIC2142BM5 Datasheet
418Kb / 17P
Micropower Boost Converter
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
Micropower Boost Converter
More results


Similar Description - MIC2142

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141 Datasheet
154Kb / 16P
Micropower Boost Converter Preliminary Information
logo
ams AG
AS1340 AMSCO-AS1340 Datasheet
105Kb / 2P
50V, Micropower, DC-DC Boost Converter
logo
Micrel Semiconductor
MIC2142 MICREL-MIC2142_07 Datasheet
418Kb / 17P
Micropower Boost Converter
logo
Linear Technology
LTC3459 LINER-LTC3459_07 Datasheet
220Kb / 12P
10V Micropower Synchronous Boost Converter
logo
Micrel Semiconductor
MIC2141 MICREL-MIC2141_06 Datasheet
848Kb / 16P
Micropower Boost Converter
logo
Linear Technology
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
logo
ams AG
AS1340 AMSCO-AS1340_04 Datasheet
414Kb / 17P
50V, Micropower, DC-DC Boost Converter
logo
Linear Technology
LTC3459ES6TRMPBF LINER-LTC3459ES6TRMPBF Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
LTC3459 LINER-LTC3459_15 Datasheet
226Kb / 12P
10V Micropower Synchronous Boost Converter
logo
Analog Devices
MAX17291C AD-MAX17291C Datasheet
637Kb / 10P
High-Voltage, Micropower, Boost Converter
19-101696; Rev 0; 9/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com