Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2145 Datasheet (PDF) - Micrel Semiconductor

MIC2145 Datasheet PDF - Micrel Semiconductor
Part # MIC2145
Download  MIC2145 Download
File Size   219.06 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 2.5W Boost Converter

MIC2145 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC2145 Datasheet PDF - Micrel Semiconductor

Part # MIC2145
Download  MIC2145 Click to download

File Size   219.06 Kbytes
Page   15 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description High Efficiency 2.5W Boost Converter

MIC2145 Datasheet (HTML) - Micrel Semiconductor


MIC2145 Product details

General Description
The MIC2145 is a small size boost switching regulator that can provide over 2.5W of output power. The input voltage range is between 2.4V to 16V, making the device suitable for one-cell Li-Ion and 3- to 4-cell alkaline/NiCad/NiMH applications. The output voltage of the MIC2145 can be adjusted up to 16V.

Features
• 2.4V to 16V input voltage
• Output adjustable to 16V
• Programmable peak current limit
• Soft start
• Up to 450kHz switching frequency
• 0.5µA shutdown current
• 200µA quiescent current
• Capable of 5V/ 500mA output with 3.3V input
• Achieves over 85% efficiency
• Implements low power BOOST, SEPIC, and FLYBACK topologies
• MSOP-8 and 3mm×3mm MLF™-10L

Applications
• Flash LED driver
• LCD bias supply
• White LED driver
• DSL bias supply
• Local 3V to 5V conversion




Similar Part No. - MIC2145

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145BML MICREL-MIC2145BML Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145BMM MICREL-MIC2145BMM Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
More results


Similar Description - MIC2145

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT4238 CATALYST-CAT4238_07 Datasheet
286Kb / 14P
High Efficiency 10 LED Boost Converter
logo
Micrel Semiconductor
MIC2145 MICREL-MIC2145_05 Datasheet
242Kb / 15P
High Efficiency 2.5W Boost Converter
logo
ON Semiconductor
CAT4238TD-GT3 ONSEMI-CAT4238TD-GT3 Datasheet
260Kb / 14P
High Efficiency 10 LED Boost Converter
Doc. No. MD-5019 Rev. E
CAT4238 ONSEMI-CAT4238 Datasheet
184Kb / 12P
High Efficiency 10 LED Boost Converter
February, 2010 ??Rev. 4
logo
Richtek Technology Corp...
RT4812 RICHTEK-RT4812 Datasheet
549Kb / 14P
High Efficiency Boost Converter
RT4813 RICHTEK-RT4813 Datasheet
1,011Kb / 16P
High Efficiency Boost Converter
RT4813A RICHTEK-RT4813A Datasheet
1,002Kb / 15P
High Efficiency Boost Converter
logo
uPI Group Inc.
UP6010Q UPI-UP6010Q Datasheet
297Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
UP6014 UPI-UP6014 Datasheet
858Kb / 15P
High Efficiency Synchronous Rectifier Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
High efficiency synchronous boost converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com