Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXPLO10 Datasheet (PDF) - Advanced XTAL Products

AXPLO10 Datasheet PDF - Advanced XTAL Products
Part # AXPLO10
Download  AXPLO10 Download
File Size   112.17 Kbytes
Page   3 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Phase-Locked 10 MHz OCXO (PLOCXO)

AXPLO10 Datasheet (PDF)

Go To PDF Page Download Datasheet
AXPLO10 Datasheet PDF - Advanced XTAL Products

Part # AXPLO10
Download  AXPLO10 Click to download

File Size   112.17 Kbytes
Page   3 Pages
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products
Description Phase-Locked 10 MHz OCXO (PLOCXO)

AXPLO10 Datasheet (HTML) - Advanced XTAL Products




Similar Part No. - AXPLO10

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXPLO100 AXTAL-AXPLO100 Datasheet
112Kb / 3P
Phase-Locked 100 MHz OCXO (PLOCXO)
More results


Similar Description - AXPLO10

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASY-007715-113000 MACOM-MASY-007715-113000 Datasheet
144Kb / 2P
Phase Locked Oscillator, SMT, 1300 MHz
logo
Advanced XTAL Products
AXPLO100 AXTAL-AXPLO100 Datasheet
112Kb / 3P
Phase-Locked 100 MHz OCXO (PLOCXO)
AXPLO2700 AXTAL-AXPLO2700 Datasheet
207Kb / 4P
Phase-Locked Ultra-Low Phase Noise OCXO (PLOCXO)
AXPLO2600 AXTAL-AXPLO2600 Datasheet
192Kb / 4P
UHF Ultra-Low Noise Phase-Locked OCXO (PLOCXO)
logo
Pasternack Enterprises,...
PE19XC7000 PASTERNACK-PE19XC7000_V01 Datasheet
432Kb / 5P
500 MHz Phase Locked Oscillator
PE19XC7005 PASTERNACK-PE19XC7005_V01 Datasheet
467Kb / 5P
500 MHz Phase Locked Oscillator
logo
RFX Ltd.
OS560-10 RFX-OS560-10 Datasheet
311Kb / 2P
10 MHz OCXO CMOS Oscillator 5V
Issue 2; 26th April 2022
OS560-1005-020 RFX-OS560-1005-020 Datasheet
226Kb / 2P
10 MHz OCXO CMOS Oscillator 5V
Issue 2; 6th May 2022
OS560-1005-023 RFX-OS560-1005-023 Datasheet
227Kb / 2P
10 MHz OCXO CMOS Oscillator 3.3V
Issue 2; 6th May 2022
OS560-1005-025 RFX-OS560-1005-025 Datasheet
226Kb / 2P
10 MHz OCXO CMOS Oscillator 3.3V
Issue 2; 6th May 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com