Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD243T4G Datasheet (PDF) - ON Semiconductor

MJD243T4G Datasheet PDF - ON Semiconductor
Part # MJD243T4G
Download  MJD243T4G Download
File Size   124.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Plastic Power Transistor

MJD243T4G Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD243T4G Datasheet PDF - ON Semiconductor

Part # MJD243T4G
Download  MJD243T4G Click to download

File Size   124.95 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Complementary Silicon Plastic Power Transistor

MJD243T4G Datasheet (HTML) - ON Semiconductor


MJD243T4G Product details

Complementary Silicon Plastic Power Transistor
DPAK−3 for Surface Mount Applications

Designed for low voltage, low−power, high−gain audio amplifier applications.

Features
• Collector−Emitter Sustaining Voltage −
   VCEO(sus) = 100 Vdc (Min) @ IC
                      = 10 mAdc
• High DC Current Gain −
   hFE = 40 (Min) @ IC
           = 200 mAdc
           = 15 (Min) @ IC = 1.0 Adc
• Lead Formed for Surface Mount Applications in Plastic Sleeves
   (No Suffix)
• Straight Lead Version in Plastic Sleeves (“−1” Suffix)
• Low Collector−Emitter Saturation Voltage −
   VCE(sat) = 0.3 Vdc (Max) @ IC
                   = 500 mAdc
                   = 0.6 Vdc (Max) @ IC = 1.0 Adc
• High Current−Gain − Bandwidth Product −
   fT = 40 MHz (Min) @ IC
       = 100 mAdc
• Annular Construction for Low Leakage −
   ICBO = 100 nAdc @ Rated VCB
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings: Human Body Model, 3B > 8000 V
                         Machine Model, C > 400 V
• Pb−Free Packages are Available




Similar Part No. - MJD243T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD243T4G ONSEMI-MJD243T4G Datasheet
98Kb / 8P
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
March, 2007 ??Rev. 10
MJD243T4G ONSEMI-MJD243T4G Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
MJD243T4G ONSEMI-MJD243T4G Datasheet
112Kb / 8P
Complementary Silicon Plastic Power Transistors
September, 2016 ??Rev. 17
More results


Similar Description - MJD243T4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD243 ONSEMI-MJD243_11 Datasheet
149Kb / 8P
Complementary Silicon Plastic Power Transistor
January, 2011 ??Rev. 12
TIP29 ONSEMI-TIP29 Datasheet
143Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 11
2N6109G ONSEMI-2N6109G Datasheet
117Kb / 5P
Complementary Silicon Plastic Power Transistors
October, 2011 ??Rev. 9
logo
First Components Intern...
TIP31 FCI-TIP31 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP35 FCI-TIP35 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP36 FCI-TIP36 Datasheet
49Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41 FCI-TIP41 Datasheet
50Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP41CST FCI-TIP41CST Datasheet
56Kb / 1P
Complementary Silicon Plastic Power Transistor
TIP115 FCI-TIP115 Datasheet
49Kb / 1P
Plastic Medium-Power Complementary Silicon Transistor
TIP120 FCI-TIP120 Datasheet
49Kb / 1P
Plastic Medium Power Complementary Silicon Transistor
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com