Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XM-L2 Datasheet (PDF) - Cree, Inc

XM-L2 Datasheet PDF - Cree, Inc
Part # XM-L2
Download  XM-L2 Download
File Size   1235.23 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree XLamp XM-L2 LEDs

XM-L2 Datasheet (PDF)

Go To PDF Page Download Datasheet
XM-L2 Datasheet PDF - Cree, Inc

Part # XM-L2
Download  XM-L2 Click to download

File Size   1235.23 Kbytes
Page   14 Pages
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc
Description Cree XLamp XM-L2 LEDs

XM-L2 Datasheet (HTML) - Cree, Inc




Similar Part No. - XM-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XM-L CREE-XM-L Datasheet
820Kb / 12P
Cree® XLamp® XM-L LEDs
Rev 2
logo
Marktech Corporate
XM-L-COLOR MARKTECH-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
logo
Comchip Technology
XM-L-COLOR COMCHIP-XM-L-COLOR Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
XM-L-COLOR COMCHIP-XM-L-COLOR_15 Datasheet
93Kb / 2P
Cree XM-L Color Series on Board
More results


Similar Description - XM-L2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
MX3SWT-A1-0000-000E51 CREE-MX3SWT-A1-0000-000E51 Datasheet
988Kb / 10P
Cree XLamp MX-3S LEDs
Rev 0
XMLAWT-00-0000-0000T5051 CREE-XMLAWT-00-0000-0000T5051 Datasheet
727Kb / 12P
Cree XLamp XM-L LEDs
Rev 0
XMLBWT-00-0000-0000T5051 CREE-XMLBWT-00-0000-0000T5051 Datasheet
1Mb / 12P
Cree® XLamp® XM-L2 LEDs
Rev 0
XMLCTW-A0-0000-00C3AAAA1 CREE-XMLCTW-A0-0000-00C3AAAA1 Datasheet
1Mb / 12P
XLamp XM-L Color LEDs
Rev 2A
XHP35 CREE-XHP35 Datasheet
2Mb / 37P
Cree XLamp XHP35 LEDs
Rev 1A
XP-G3 CREE-XP-G3 Datasheet
2Mb / 33P
Cree XLamp XP-G3 LEDs
Rev 0E
XP-L2 CREE-XP-L2 Datasheet
1Mb / 24P
Cree XLamp XP-L2 LEDs
Rev 0A
XMLEZW-00-0000-0B00U450H CREE-XMLEZW-00-0000-0B00U450H Datasheet
1Mb / 22P
XLamp XM-L EasyWhite® LEDs
Rev 8D
XMLHVW-Q0-0000-0000LT351 CREE-XMLHVW-Q0-0000-0000LT351 Datasheet
1Mb / 10P
XLamp XM-L HVW LEDs
rev 7E
XMLAWT-00-0000-0000U2051 CREE-XMLAWT-00-0000-0000U2051 Datasheet
1Mb / 22P
Cree® XLamp® XM Family LEDs
2010-2016
More results




About Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com