Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C9911 Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C9911 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C9911
Download  PI6C9911 Download
File Size   643.94 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 5V High-Speed Programmable Skew Clock Buffers

PI6C9911 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C9911 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C9911
Download  PI6C9911 Click to download

File Size   643.94 Kbytes
Page   9 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 5V High-Speed Programmable Skew Clock Buffers

PI6C9911 Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C9911 Product details

Description
The PI6C9911 and PI6C9911E are low-skew, low jitter, 5V phase lock-loop (PLL) programmable skew clock drivers, for high-performance computing and networking applications. These parts offer user-selectable skew-control of 4 output pairs, providing the timing delays necessary to optimize high-performance clock-distribution circuits.
Each output can be hardwired to one of nine delay or function configurations. Delay increments are determined by the input clock frequency and the configurations selected by the user.
The PI6C9911 and PI6C9911E allow the REF clock input to have Spread Spectrum modulation for EMI reduction.
Both buffers are pin-compatable with Cypresss RoboClock CY7B9911, but with improved AC/DC characteristics.
The PI6C9911 and PI6C9911E also have the same pinout as Cypresss CY7B9911and with balanced output drive.

Product Features
• Four pairs of programmable skew outputs
• User-selectable output functions:
   − Selectable skews
   − Inverted and noninverted
   − Operation at ‰ and … input frequency
   − Operation at 2X and 4X input frequency
• Low skew <100ps typical same pair, 250ps max.
• Allow REF clock input to have Spread Spectrum
   modulation for EMI reduction
• 2X, 4X, ‰ and … outputs
• 3-level inputs for skew and output frequency control
• External feedback, internal loop filter
• Low cycle-to-cycle Jitter: <25ps RMS
• Duty cycle of output clock signals: 45% min. 55% max.
• Same pinout as Cypress CY7B9911
• Available in 32-pin PLCC Package (J)
• Output Operation
   3.75 to 100 MHz for PI6C9911
   3.75 to 125 MHz for PI6C9911E




Similar Part No. - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C918 PERICOM-PI6C918 Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918AW PERICOM-PI6C918AW Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918BW PERICOM-PI6C918BW Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C918W PERICOM-PI6C918W Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
PI6C919 PERICOM-PI6C919 Datasheet
55Kb / 3P
3.3V PRECISION CLOCK GENERATOR
More results


Similar Description - PI6C9911

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7B9911V CYPRESS-CY7B9911V Datasheet
223Kb / 11P
High-Speed Low-Voltage Programmable Skew Clock Buffer LV-PSCB
December 1, 1999
logo
Pericom Semiconductor C...
PI6C3991 PERICOM-PI6C3991 Datasheet
500Kb / 11P
3.3V High-Speed, Low-Voltage Programmable Skew Clock Buffer SuperClock
logo
Exar Corporation
XRK4991 EXAR-XRK4991 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK4991A EXAR-XRK4991A Datasheet
373Kb / 13P
3.3V HIGH-SPEED (85 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
XRK49911 EXAR-XRK49911 Datasheet
262Kb / 12P
3.3V HIGH-SPEED (110 MHZ) PROGRAMMABLE SKEW CLOCK BUFFER
logo
Cypress Semiconductor
CY7B9911 CYPRESS-CY7B9911_07 Datasheet
392Kb / 13P
Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_07 Datasheet
384Kb / 14P
High Speed Low Voltage Programmable Skew Clock Buffer
CY7B991.2JC CYPRESS-CY7B991.2JC Datasheet
519Kb / 19P
Programmable Skew Clock Buffer
CY7B991 CYPRESS-CY7B991_11 Datasheet
520Kb / 21P
Programmable Skew Clock Buffer
CY7B9911V CYPRESS-CY7B9911V_11 Datasheet
419Kb / 17P
High Speed Low Voltage Programmable Skew Clock Buffer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com