Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA-2463 Datasheet (PDF) - List of Unclassifed Manufacturers

SGA-2463 Datasheet PDF - List of Unclassifed Manufacturers
Part # SGA-2463
Download  SGA-2463 Download
File Size   237.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-2463 Datasheet (PDF)

Go To PDF Page Download Datasheet
SGA-2463 Datasheet PDF - List of Unclassifed Manufacturers

Part # SGA-2463
Download  SGA-2463 Click to download

File Size   237.43 Kbytes
Page   4 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER

SGA-2463 Datasheet (HTML) - List of Unclassifed Manufacturers


SGA-2463 Product details

[Stanford-Microdevices]

Product Description
Stanford Microdevices SGA-2463 is a high performance SiGe HBT MMIC Amplifier. A Darlington configuration featuring 1 micron emitters provides high FT and excellent thermal perfomance. The heterojunction increases breakdown voltage and minimizes leakage current between junctions. Cancellation of emitter junction non-linearities results in higher suppression of intermodulation products.

Product Features
• High Gain : 17.1 dB at 1950 MHz
• Cascadable 50 Ohm
• Patented SiGe Technology
• Operates From Single Supply
• Low Thermal Resistance Package

Applications
• Cellular, PCS, CDPD
• Wireless Data, SONET
• Satellite




Similar Part No. - SGA-2463

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGA-2463 SIRENZA-SGA-2463 Datasheet
251Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2463Z SIRENZA-SGA-2463Z Datasheet
251Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results


Similar Description - SGA-2463

ManufacturerPart #DatasheetDescription
logo
Stanford Microdevices
SGA-4363 STANFORD-SGA-4363 Datasheet
255Kb / 4P
DC-2000 MHZ CASCADABLE SIGE HBT MMIC AMPLIFIER
logo
SIRENZA MICRODEVICES
SGA-2163 SIRENZA-SGA-2163 Datasheet
254Kb / 5P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4463 SIRENZA-SGA-4463 Datasheet
252Kb / 5P
DC-3500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4563 SIRENZA-SGA-4563 Datasheet
257Kb / 5P
DC-2500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-2286 SIRENZA-SGA-2286 Datasheet
90Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-3486 SIRENZA-SGA-3486 Datasheet
86Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4186 SIRENZA-SGA-4186 Datasheet
88Kb / 4P
DC-5000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4386 SIRENZA-SGA-4386 Datasheet
84Kb / 4P
DC-4500 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-4586 SIRENZA-SGA-4586 Datasheet
88Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
SGA-5589 SIRENZA-SGA-5589 Datasheet
86Kb / 4P
DC-4000 MHz, Cascadable SiGe HBT MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com